Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 3 Page - Texas Instruments

  CC1100ERGPR Datasheet HTML 1Page - Texas Instruments CC1100ERGPR Datasheet HTML 2Page - Texas Instruments CC1100ERGPR Datasheet HTML 3Page - Texas Instruments CC1100ERGPR Datasheet HTML 4Page - Texas Instruments CC1100ERGPR Datasheet HTML 5Page - Texas Instruments CC1100ERGPR Datasheet HTML 6Page - Texas Instruments CC1100ERGPR Datasheet HTML 7Page - Texas Instruments CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
CC1100E
SWRS082
Page 3 of 92
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
N/A
Not Applicable
AFC
Automatic Frequency Compensation
NRZ
Non Return to Zero (Coding)
AGC
Automatic Gain Control
OOK
On-Off Keying
AMR
Automatic Meter Reading
PA
Power Amplifier
ARIB
Association of Radio Industries and Businesses
PCB
Printed Circuit Board
ASK
Amplitude Shift Keying
PD
Power Down
BER
Bit Error Rate
PER
Packet Error Rate
BT
Bandwidth-Time product
PLL
Phase Locked Loop
CCA
Clear Channel Assessment
POR
Power-On Reset
CFR
Code of Federal Regulations
PQI
Preamble Quality Indicator
CRC
Cyclic Redundancy Check
PQT
Preamble Quality Threshold
CS
Carrier Sense
PTAT
Proportional To Absolute Temperature
CW
Continuous Wave (Unmodulated Carrier)
QFN
Quad Leadless Package
DC
Direct Current
QPSK
Quadrature Phase Shift Keying
DVGA
Digital Variable Gain Amplifier
RC
Resistor-Capacitor
ESR
Equivalent Series Resistance
RF
Radio Frequency
FEC
Forward Error Correction
RSSI
Received Signal Strength Indicator
FIFO
First-In-First-Out
RX
Receive, Receive Mode
FHSS
Frequency Hopping Spread Spectrum
SAW
Surface Acoustic Wave
2-FSK
Binary Frequency Shift Keying
SMD
Surface Mount Device
GFSK
Gaussian shaped Frequency Shift Keying
SNR
Signal to Noise Ratio
IF
Intermediate Frequency
SPI
Serial Peripheral Interface
I/Q
In-Phase/Quadrature
SRD
Short Range Devices
ISM
Industrial, Scientific, Medical
TBD
To Be Defined
LC
Inductor-Capacitor
T/R
Transmit/Receive
LNA
Low Noise Amplifier
TX
Transmit, Transmit Mode
LO
Local Oscillator
UHF
Ultra High frequency
LSB
Least Significant Bit
VCO
Voltage Controlled Oscillator
LQI
Link Quality Indicator
WOR
Wake on Radio, Low power polling
MCU
Microcontroller Unit
XOSC
Crystal Oscillator
MSB
Most Significant Bit
XTAL
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com