Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 6Page - Texas Instruments CC1100ERGPR Datasheet HTML 7Page - Texas Instruments CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments CC1100ERGPR Datasheet HTML 10Page - Texas Instruments CC1100ERGPR Datasheet HTML 11Page - Texas Instruments CC1100ERGPR Datasheet HTML 12Page - Texas Instruments CC1100ERGPR Datasheet HTML 13Page - Texas Instruments CC1100ERGPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
CC1100E
SWRS082
Page 10 of 92
4.2
RF Receive Section
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1100E EM reference designs
([3] and[4]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel
filter bandwidth
58
812
kHz
User programmable. The bandwidth limits are
proportional to crystal frequency (given values
assume a 26.0 MHz crystal)
480 MHz, 1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver
sensitivity
-112
dBm
Sensitivity can be traded for current consumption by
setting MDMCFG2.DEM_DCFILT_OFF=1. The typical
current consumption is then reduced from 17.9 mA
to 16.5 mA at sensitivity limit. The sensitivity is
typically reduced to -110 dBm
480 MHz, 38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver
sensitivity
–104
dBm
Sensitivity can be traded for current consumption by
setting MDMCFG2.DEM_DCFILT_OFF=1. The typical
current consumption is then reduced from 18mA to
16.6 mA at sensitivity limit.
480 MHz, 250 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 127 kHz deviation, 540 kHz digital channel filter bandwidth)
Receiver
sensitivity
-95
dBm
Sensitivity can be traded for current consumption by
setting MDMCFG2.DEM_DCFILT_OFF=1. The typical
current consumption is then reduced from 19.2mA to
17.5 mA at sensitivity limit.
480 MHz, 500 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(MSK, 1% packet error rate, 20 bytes packet length, 812 kHz digital channel filter bandwidth)
Receiver
sensitivity
-88
dBm
Setting MDMCFG2.DEM_DCFILT_OFF=1 is not an
valid option at 500 kBaud dara rate
955 MHz, 1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver
sensitivity
–111
dBm
Sensitivity can be traded for current consumption by
setting MDMCFG2.DEM_DCFILT_OFF=1. The typical
current consumption is then reduced from 18.2 mA
to 16.3 mA at sensitivity limit. The sensitivity is
typically reduced to -109 dBm
Saturation
-15
dBm
FIFOTHR.CLOSE_IN_RX=0.
See more in DN010
[11]
Adjacent channel
rejection
28
dB
Desired channel 3 dB above the sensitivity limit. 200
kHz channel spacing
Alternate channel
rejection
37
dB
Desired channel 3 dB above the sensitivity limit. 200
kHz channel spacing
See Figure 2 for plot of selectivity versus frequency
offset
Image channel
rejection,
955 MHz
32
dB
IF frequency 152 kHz
Desired channel 3 dB above the sensitivity limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com