Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 1 Page - Texas Instruments

  CC1100ERGPR Datasheet HTML 1Page - Texas Instruments CC1100ERGPR Datasheet HTML 2Page - Texas Instruments CC1100ERGPR Datasheet HTML 3Page - Texas Instruments CC1100ERGPR Datasheet HTML 4Page - Texas Instruments CC1100ERGPR Datasheet HTML 5Page - Texas Instruments CC1100ERGPR Datasheet HTML 6Page - Texas Instruments CC1100ERGPR Datasheet HTML 7Page - Texas Instruments CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
CC1100E
SWRS082
Page 1 of 92
Low-Power Sub-GHz RF Transceiver
(470-510 MHz & 950-960 MHz)
Applications
 Ultra low-power wireless applications
operating in the 470/950 MHz ISM/SRD
bands
 Wireless sensor networks
 Home and building automation
 Advanced Metering Infrastructure (AMI)
 Wireless metering
 Wireless alarm and security systems
Product Description
The
CC1100E is a Sub-GHz high performance
radio transceiver designed for very low power
RF
applications.
It
is
intended
for
the
Industrial, Scientific and Medical (ISM) and
Short Range Device (SRD) frequency bands
at 470-510 MHz and 950-960 MHz. The
CC1100E is especially suited for wireless
applications targeted at the Japanese ARIB
STD-T96
and
the
Chinese
Short
Range
Device Regulations at 470-510 MHz.
The
CC1100E is code, package and pin out
compatible with both the
CC1101 [1] and CC1100
[2] RF transceivers. The
CC1100E, CC1101 and
CC1100 support complementary frequency
bands and can be used to cover RF designs at
the most commonly used sub-1 GHz license
free frequencies around the world:
CC1100E : 470-510 MHz and 950-960 MHz
CC1101 : 300-348 MHz, 387-464 MHz and
779-928 MHz
CC1100 : 300-348 MHz, 400-464 MHz and
800-928 MHz
The
CC1100E RF transceiver is integrated with
a highly configurable baseband modem. The
modem supports various modulation formats
and has a configurable data rate of up to 500
kBaud.
The
CC1100E
provides extensive hardware
support for packet handling, data buffering,
burst
transmissions,
clear
channel
assessment, link quality indication, and wake-
on-radio.
The main operating parameters and the 64-
byte transmit/receive FIFOs of the
CC1100E can
be controlled via an SPI interface. In a typical
system, the
CC1100E
will be used with a
microcontroller and a few additional passive
components.
This product shall not be used in any of the following products or systems without prior express written permission from
Texas Instruments:
(i)
implantable
cardiac
rhythm
management
systems,
including
without
limitation
pacemakers,
defibrillators and cardiac resynchronization devices,
(ii)
external cardiac rhythm management systems that communicate directly with one or more implantable
medical devices; or
(iii)
other devices used to monitor or treat cardiac function, including without limitation pressure sensors,
biochemical sensors and neurostimulators.
Please contact lpw-medical-approval@list.ti.com if your application might fall within the category described above.


Similar Part No. - CC1100ERGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100ERGPT TI1-CC1100ERGPT Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
More results

Similar Description - CC1100ERGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Semtech Corporation
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
Long Range, Low Power, sub-GHz RF Transceiver
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com