Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 4Page - Texas Instruments CC1100ERGPR Datasheet HTML 5Page - Texas Instruments CC1100ERGPR Datasheet HTML 6Page - Texas Instruments CC1100ERGPR Datasheet HTML 7Page - Texas Instruments CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments CC1100ERGPR Datasheet HTML 10Page - Texas Instruments CC1100ERGPR Datasheet HTML 11Page - Texas Instruments CC1100ERGPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
CC1100E
SWRS082
Page 8 of 92
4
Electrical Specifications
4.1
Current Consumption
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1100E EM reference designs
([3] and[4]). Reduced current settings (MDMCFG2.DEM_DCFILT_OFF=1) gives a slightly lower current consumption at the cost
of a reduction in sensitivity. See Table 6: RF Receive Section for additional details on current consumption and sensitivity.
Parameter
Min
Typ
Max
Unit
Condition
0.3
A
Voltage regulator to digital part off, register values retained
(SLEEP state). All GDO pins programmed to 0x2F (HW to 0)
0.7
A
Voltage regulator to digital part off, register values retained, low-
power RC oscillator running (SLEEP state with WOR enabled)
100
A
Voltage regulator to digital part off, register values retained,
XOSC running (SLEEP state with MCSM0.OSC_FORCE_ON set)
Current consumption in power
down modes
165
A
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
10.0
A
Automatic RX polling once each second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kBaud data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level (MCSM2.RX_TIME_RSSI=1)
35
A
Same as above, but with signal in channel above carrier sense
level, 1.95 ms RX timeout, and no preamble/sync word found
1.3
A
Automatic RX polling every 15
th second, using low-power RC
oscillator, with 460 kHz filter bandwidth and 250 kBaud data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level (MCSM2.RX_TIME_RSSI=1)
32
A
Same as above, but with signal in channel above carrier sense
level, 29.3 ms RX timeout, and no preamble/sync word found
1.7
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
9
mA
Only the frequency synthesizer is running (FSTXON state). This
currents consumption is also representative for the other
intermediate states when going from IDLE to RX or TX, including
the calibration state
16.5
mA
Receive mode, 1.2 kBaud, reduced current, input at sensitivity
limit
15.4
mA
Receive mode, 1.2 kBaud, reduced current, input well above
sensitivity limit
16.6
mA
Receive mode, 38.4 kBaud , reduced current, input at sensitivity
limit
15.5
mA
Receive mode, 38.4 kBaud , reduced current, input well above
sensitivity limit
17.5
mA
Receive mode, 250 kBaud, reduced current, input at sensitivity
limit
16.1
mA
Receive mode, 250 kBaud, reduced current, input well above
sensitivity limit
20
mA
Receive mode, 500 kBaud, input at sensitivity limit
18.7
mA
Receive mode, 500 kBaud, input well above sensitivity limit
29.6
mA
Transmit mode, +10 dBm output power
16.6
mA
Transmit mode, 0 dBm output power
Current consumption,
480 MHz
16.5
mA
Transmit mode, –6 dBm output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com