Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments CC1100ERGPR Datasheet HTML 10Page - Texas Instruments CC1100ERGPR Datasheet HTML 11Page - Texas Instruments CC1100ERGPR Datasheet HTML 12Page - Texas Instruments CC1100ERGPR Datasheet HTML 13Page - Texas Instruments CC1100ERGPR Datasheet HTML 14Page - Texas Instruments CC1100ERGPR Datasheet HTML 15Page - Texas Instruments CC1100ERGPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
CC1100E
SWRS082
Page 12 of 92
Table 7: Typical Variation in Sensitivity over Temperature and Supply Voltage, 955 MHz, 76.8
kBaud GFSK, Sensitivity Optimized Setting, 770 MHz notch filter Used
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Frequency offset [MHz]
Figure 2: Typical Selectivity at 1.2 kBaud Data Rate, 955 MHz, GFSK, 5.2 kHz Deviation. IF
Frequency is 152.3 kHz and the Digital Channel Filter Bandwidth is 58 kHz
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Frequency offset [MHz]
Figure 3: Typical Selectivity at 38.4 kBaud Data Rate, 955 MHz, GFSK, 20 kHz Deviation. IF
Frequency is 152.3 kHz and the Digital Channel Filter Bandwidth is 100 kHz
Supply
Voltage
VDD = 1.8 V
Supply
Voltage
VDD = 3.0 V
Supply
Voltage
VDD = 3.6 V
Temperature [°C]
-40
25
85
-40
25
85
-40
25
85
Sensitivity [dBm]
-101
-100
-96
-102
-100
-98
-102
-100
-98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com