Electronic Components Datasheet Search
  English  ▼

X  

DAC80P Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 4 Page - Texas Instruments

  DAC80P Datasheet HTML 1Page - Texas Instruments DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
®
DAC80/80P
15
–V
CC
16
I
OUT
17
Ref In
18
Bipolar Offset
19
Scale 10V FSR
20
Scale 20V FSR
21
Scale
22
NC
23
COM
24
COM
25
+V
CC
26
Gain Adjust
27
6.3V Ref Out
PAD
FUNCTION
1
Bit 1 (MSB)
2
Bit 2
3
Bit 3
4
Bit 4
5
Bit 5
6
Bit 6
7
Bit 7
8
Bit 8
9
Bit 9
10
Bit 10
11
Bit 11
12
Bit 12 (LSB)
13
NC
14
NC
PAD
FUNCTION
Substrate Bias: Isolated. NC: No Connection
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
118 x 121
± 5
3.0 x 3.07
± 0.13
Die Thickness
20
± 3
0.51
± 0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Metalization
Aluminum
15
–V
CC
16
V
OUT
17
Ref In
18
Bipolar Offset
19
Scale 10V FSR
20
Scale 20V FSR
21
NC
22
Sum Junct
23
COM
24
COM
25
+V
CC
26
Gain Adjust
27
6.3V Ref Out
PAD
FUNCTION
1
Bit 1 (MSB)
2
Bit 2
3
Bit 3
4
Bit 4
5
Bit 5
6
Bit 6
7
Bit 7
8
Bit 8
9
Bit 9
10
Bit 10
11
Bit 11
12
Bit 12 (LSB)
13
NC
14
NC
PAD
FUNCTION
Substrate Bias: Isolated. NC: No Connection
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
118 x 121
± 5
3.0 x 3.07
± 0.13
Die Thickness
20
± 3
0.51
± 0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Metalization
Aluminum
DAC80KD-V DIE TOPOGRAPHY
DAC80KD-I DIE TOPOGRAPHY
DICE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com