Electronic Components Datasheet Search
  English  ▼

X  

DAC80P Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 5 Page - Texas Instruments

  DAC80P Datasheet HTML 1Page - Texas Instruments DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DAC80/80P
®
DISCUSSION OF
SPECIFICATIONS
DIGITAL INPUT CODES
The DAC80 accepts complementary binary digital input
codes. The CBI model may be connected by the user for any
one of three complementary codes: CSB, COB, or CTC (see
Table I).
ACCURACY
Linearity of a D/A converter is the true measure of its
performance. The linearity error of the DAC80 is specified
over its entire temperature range. This means that the analog
output will not vary by more than
±1/2LSB, maximum, from
an ideal straight line drawn between the end points (inputs
all “1”s and all “0”s) over the specified temperature range of
0
°C to +70°C.
Differential linearity error of a D/A converter is the devia-
tion from an ideal 1LSB voltage change from one adjacent
output state to the next. A differential linearity error speci-
fication of
±1/2LSB means that the output voltage step sizes
can range from 1/2LSB to 3/2LSB when the input changes
from one adjacent input state to the next.
Monotonicity over a 0
°C to +70°C range is guaranteed in the
DAC80 to insure that the analog output will increase or
remain the same for increasing input digital codes.
DRIFT
Gain Drift is a measure of the change in the full scale range
output over temperature expressed in parts per million per
°C (ppm/°C). Gain drift is established by: 1) testing the end
point differences for each DAC80 model at 0
°C, +25°C, and
+70
°C; 2) calculating the gain error with respect to the 25°C
value, and; 3) dividing by the temperature change. This
figure is expressed in ppm/
°C and is given in the electrical
specifications both with and without internal reference.
Offset Drift is a measure of the actual change in output with
all “1”s on the input over the specified temperature range.
The offset is measured at 0
°C, +25°C, and 70°C. The
maximum change in Offset is referenced to the Offset at
25
°C and is divided by the temperature range. This drift is
expressed in parts per million of full scale range per
°C (ppm
of FSR/
°C).
SETTLING TIME
Settling time for each DAC80 model is the total time
(including slew time) required for the output to settle within
an error band around its final value after a change in input
(see Figure 1).
Voltage Output Models
Three settling times are specified to
±0.01% of full scale
range (FSR); two for maximum full scale range changes of
20V, 10V and one for a 1LSB change. The 1LSB change is
measured at the major carry (0111...11 to 1000...00), the
point at which the worst case settling time occurs.
Current Output Models
Two settling times are specified to
±0.01% of FSR. Each is
given for current models connected with two different resis-
tive loads: 10
Ω to 100Ω and 1000Ω to 1875Ω. Internal
resistors are provided for connecting nominal load resis-
tances of approximately 1000
Ω to 1800Ω for output voltage
range of
±1V and 0 to –2V (see Figures 11 and 12).
COMPLIANCE
Compliance voltage is the maximum voltage swing allowed
on the current output node in order to maintain specified
accuracy. The maximum compliance voltage of all current
output models is
±2.5V. Maximum safe voltage range of
±1V and 0 to –2V (see Figures 11 and 12).
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a
power supply change on the D/A converter output. It is
defined as a percent of FSR per percent of change in either
the positive or negative supplies about the nominal power
supply voltages (see Figure 2).
REFERENCE SUPPLY
All DAC80 models are supplied with an internal 6.3V
reference voltage supply. This voltage (pin 24) has a toler-
ance of
±1% and must be connected to the Reference Input
DIGITAL INPUT
ANALOG OUTPUT
CSB
COB
CTC(1)
Complementary
Complementary Complementary
Straight
Offset
Two’s
MSB
LSB
Binary
Binary
Complement
↓↓
000000000000
+Full Scale
+Full Scale
–1LSB
011111111111
+1/2 Full Scale
Zero
–Full Scale
100000000000
1/2 Full Scale –1LSB
–1LSB
–Full Scale
111111111111
Zero
–Full Scale
Zero
NOTE: (1) Invert the MSB of the COB code with an external inverter to obtain
CTC code.
TABLE I. Digital Input Codes.
FIGURE 1. Full Scale Range Settling Time vs Accuracy.
0.1
Settling Time (µs)
1
10
100
1
0.3
0.1
0.03
0.01
0.003
0.001
R
L=
10
Ω
to 100
Ω
R
L=
1000
Ω
to 1875
Ω
10k
Ω
Feedback
5k
Ω
Feedback
V Models
I Models



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com