Electronic Components Datasheet Search
  English  ▼

X  

DAC80P Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments DAC80P Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
DAC80/80P
(pin 16) for specified operation. This reference may be used
externally also, but external current drain is limited to
2.5mA.
If a varying load is to be driven, an external buffer amplifier
is recommended to drive the load in order to isolate bipolar
offset from load variations. Gain and bipolar offset adjust-
ments should be made under constant load conditions.
LOGIC INPUT COMPATIBILITY
DAC80 digital inputs are TTL, LSTTL and 4000B,
54/74HC CMOS compatible. The input switching threshold
remains at the TTL threshold over the entire supply range.
Logic “0” input current over temperature is low enough to
permit driving DAC80 directly from outputs of 4000B and
54/74C CMOS devices.
OPERATING INSTRUCTIONS
POWER SUPPLY CONNECTIONS
Connect power supply voltages as shown in Figure 3. For
optimum performance and noise rejection, power supply
decoupling capacitors should be added as shown. These
capacitors (1
µF tantalum) should be located close to the
DAC80.
±12V OPERATION
All DAC80 models can operate over the entire power supply
range of
±11.4V to ±16.5V. Even with supply levels drop-
ping to
±11.4V, the DAC80 can swing a full ±10V range,
provided the load current is limited to
±2.5mA. With power
supplies greater than
±12V, the DAC80 output can be loaded
up to
±5mA. For output swing of ±5V or less, the output
current is
±5mA, minimum, over the entire V
CC range.
No bleed resistor is needed from +V
CC to pin 24, as was
needed with prior hybrid Z versions of DAC80. Existing
±12V applications that are being converted to the monolithic
DAC80 must omit the resistor to pin 24 to insure proper
operation.
EXTERNAL OFFSET AND GAIN ADJUSTMENT
Offset and gain may be trimmed by installing external Offset
and Gain potentiometers. Connect these potentiometers as
shown in Figure 3 and adjust as described below. TCR of the
potentiometers should be 100ppm/
°C or less. The 3.9MΩ
and 10M
Ω resistors (20% carbon or better) should be lo-
cated close to the DAC80 to prevent noise pickup. If it is not
convenient to use these high value resistors, an equivalent
“T” network, as shown in Figure 4, may be substituted.
FIGURE 2. Power Supply Rejection vs Power Supply Ripple.
FIGURE 3. Power Supply and External Adjustment Connection Diagrams.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Reference
Control
Circuit
12-Bit
Resistor
Ladder
Network
and
Current
Switches
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Reference
Control
Circuit
12-Bit
Resistor
Ladder
Network
and
Current
Switches
Voltage Output Models
Current Output Models
5k
Ω
5k
Ω
6.3k
Ω
2k
Ω
3k
Ω
6.3k
Ω
5k
Ω
3.9M
Ω
1µF
0.01µF
10k
Ω
to
100k
Ω
10k
Ω
to
100k
Ω
+V
CC
–V
CC
+V
CC
–V
CC
10M
Ω
3.9M
Ω
0.01µF
10k
Ω
to
100k
Ω
10k
Ω
to
100k
Ω
+V
CC
–V
CC
+V
CC
–V
CC
10M
Ω
1µF
1µF
1µF
1
10
100
1k
10k
100k
0.1
0.01
0.001
0.0001
Power Supply Ripple Frequency (Hz)
+V
CC
–V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com