Electronic Components Datasheet Search
  English  ▼

X  

DAC80P Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments DAC80P Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
DAC80/80P
®
Driving a Resistive Load Unipolar
A load resistance, R
L = RLI + RLS, connected as shown in
Figure 11 will generate a voltage range, V
OUT, determined
by:
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
V
OUT = –2mA [(RL x RO) ÷ (RL + RO)]
The unipolar output impedance R
O equals 6.6kΩ (typ) and
R
LI
is the internal load resistance of 968
Ω (derived by
connecting pin 15 to 20 and pin 18 to 19). By choosing R
LS
= 210
Ω, R
L = 1178Ω. RL in parallel with RO yields 1kΩ total
load. This gives an output range of 0 to –2V. Since R
O is not
exact, initial trimming per Figure 3 may be necessary; also
R
LS may be trimmed.
Driving a Resistive Load Bipolar
The equivalent output circuit for a bipolar output voltage
range is shown in Figure 12, R
L
= R
LI
+ R
LS.
V
OUT
is
determined by:
V
OUT = ±1mA [(RO x RL) ÷ (RO + RL)]
By connecting pin 17 to 15, the output current becomes
bipolar (
±1mA) and the output impedance R
O
becomes
3.2k
Ω (6.6kΩ in parallel with 6.3kΩ). R
LI is 1200Ω (derived
by connecting pin 15 to 18 and pin 18 to 19). By choosing
R
LS = 225Ω, RL = 1455Ω. RL in parallel with RO yields 1kΩ
total load. This gives an output range of
±1V. As indicated
above, trimming may be necessary.
FIGURE 12. Current Output Model Connected for Bipolar
Output Voltage with Resistive Load.
21
15
+1mA
V
OUT
–
R
LI
R
O
Current Controlled
by Digital Input
+
Common
R
LS
20
FIGURE 11. Current Output Model Equivalent Circuit
Connected for Unipolar Voltage Output with
Resistive Load.
21
15
0 to
–2mA
V
OUT
–
R
LI
R
O
Current Controlled
by Digital Input
+
Common
R
LS
18



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com