Electronic Components Datasheet Search
  English  ▼

X  

DAC80P Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC80P
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC80P Datasheet HTML 2Page - Texas Instruments DAC80P Datasheet HTML 3Page - Texas Instruments DAC80P Datasheet HTML 4Page - Texas Instruments DAC80P Datasheet HTML 5Page - Texas Instruments DAC80P Datasheet HTML 6Page - Texas Instruments DAC80P Datasheet HTML 7Page - Texas Instruments DAC80P Datasheet HTML 8Page - Texas Instruments DAC80P Datasheet HTML 9Page - Texas Instruments DAC80P Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
DAC80/80P
®
Existing applications that are converting to the monolithic
DAC80 must change the gain trim resistor on pin 23 from
33M
Ω to 10MΩ to insure sufficient adjustment range. Pin
23 is a high impedance point and a 0.001
µ1F to 0.01µF
ceramic capacitor should be connected from this pin to
Common (pin 21) to prevent noise pickup. Refer to Figure
5 for relationship of Offset and Gain adjustments to unipolar
and bipolar D/A operation.
Unipolar
Offset Adjustment
For unipolar (CSB) configurations, apply the digital input
code that should produce zero potential output and adjust the
Offset potentiometer for zero output.
For bipolar (COB, CTC) configurations, apply the digital
input code that should produce the maximum negative
output. Example: If the Full Scale Range is connected for
20V, the maximum negative output voltage is –10V. See
Table II for corresponding codes.
Gain Adjustment
For either unipolar or bipolar configurations, apply the
digital input that should give the maximum positive output.
Adjust the Gain potentiometer for this positive full scale
output. See Table II for positive full scale voltages and
currents.
Bipolar
+ Full Scale
All Bits
Logic 1
1LSB
Range
of Offset
Adjust
Offset Adjust Translates the Line
Digital Input
All Bits
Logic 0
Range of
Gain Adjust
Gain Adjust
Rotates the Line
+ Full Scale
All Bits
Logic 1
1LSB
Range of
Offset Adjust
Offset Adjust Translates the Line
Digital Input
–Full Scale
Range of
Gain Adjust
Gain Adjust
Rotates the Line
Full Scale
Range
Bipolar
Offset
MSB On,
All Others
Off
All Bits
Logic 0
FIGURE 5. Relationship of Offset and Gain Adjustments for
a Unipolar and Bipolar D/A Converter.
ANALOG OUTPUT
DIGITAL INPUT
VOLTAGE(1)
CURRENT
MSB
LSB
0 to +10V
±10V
0 to –2mA
±1mA
↓↓
000000000000
+9.9976V
+9.9951V
–1.9995mA
–0.9995mA
011111111111
+5.0000V
0.0000V
–1.0000mA
0.0000mA
100000000000
+4.9976V
–0.0049V
–0.9995mA
+0.0005mA
111111111111
0.0000V
–10.0000V
0.0000mA
+1.000mA
One LSB
2.44mV
4.88mV
0.488
µA
0.488
µA
NOTE: (1) To obtain values for other binary ranges:
0 to +5V range divide 0 to +10V range values by 2.
±5V range: divide ±10V range values by 2.
±2.5V range: divide ±10V range values by 4.
TABLE II. Digital Input/Analog Output.
VOLTAGE OUTPUT MODELS
Output Range Connections
Internal scaling resistors provided in the DAC80 may be
connected to produce bipolar output voltage ranges of
±10V,
±5V, or ±2.5V; or unipolar output voltage ranges of 0 to
+5V or 0 to +10V. See Figure 6.
Gain and offset drift are minimized because of the thermal
tracking of the scaling resistors with other internal device
components. Connections for various output voltage ranges
are shown in Table III. Settling time for a full-scale range
change is specified as 4
µs for the 20V range and 3µs for the
10V range.
FIGURE 6. Output Amplifier Voltage Range Scaling Circuit.
6.3k
Ω(1)
5k
Ω(1)
5k
Ω(1)
18
Summing
Junction
20
Reference Input
To Reference Control Circuit
NOTE: (1) Resistor Tolerances: ±2% max.
Common
19
15
21
17
Bipolar
Offset
Output
From Weighted
Resistor
Network
16
10M
Ω
270k
Ω
270k
Ω
7.8k
Ω to 10kΩ
3.9M
Ω
180k
Ω
180k
Ω
10k
Ω
FIGURE 4. Equivalent Resistances.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com