Electronic Components Datasheet Search
  English  ▼

X  

DDC112Y/2K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112Y/2K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112Y/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button DDC112Y/2K Datasheet HTML 8Page - Texas Instruments DDC112Y/2K Datasheet HTML 9Page - Texas Instruments DDC112Y/2K Datasheet HTML 10Page - Texas Instruments DDC112Y/2K Datasheet HTML 11Page - Texas Instruments DDC112Y/2K Datasheet HTML 12Page - Texas Instruments DDC112Y/2K Datasheet HTML 13Page - Texas Instruments DDC112Y/2K Datasheet HTML 14Page - Texas Instruments DDC112Y/2K Datasheet HTML 15Page - Texas Instruments DDC112Y/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
DDC112
12
SBAS085B
www.ti.com
CLK = 10MHz
CLK = 15MHz
SYMBOL
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
t1
Setup Time for Test Mode Enable
100
100
ns
t2
Setup Time for Test Mode Disable
100
100
ns
t3
Hold Time for Test Mode Enable
100
100
ns
t4
From Rising Edge of TEST to the Edge of CONV
5.4
3.6
µs
while Test Mode Enabled
t5
Rising Edge to Rising Edge of TEST
5.4
3.6
µs
A low-pass filter to reduce noise connects it to an opera-
tional amplifier configured as a buffer. This amplifier should
have a unity-gain bandwidth greater than 4MHz, low noise,
and input/output common-mode ranges that support VREF.
Following the buffer are capacitors placed close to the
DDC112 VREF pin. Even though the circuit in Figure 6 might
appear to be unstable due to the large output capacitors, it
works well for most operational amplifiers. It is NOT recom-
mended that series resistance be placed in the output lead
to improve stability since this can cause droop in VREF which
produces large offsets.
DDC112 Frequency Response
The frequency response of the DDC112 is set by the front end
integrators and is that of a traditional continuous time integra-
tor, as shown in Figure 7. By adjusting TINT, the user can
change the 3dB bandwidth and the location of the notches in
the response. The frequency response of the
∆Σ converter that
follows the front end integrator is of no consequence because
the converter samples a held signal from the integrators. That
is, the input to the
∆Σ converter is always a DC signal. Since
the output of the front end integrators are sampled, aliasing can
occur. Whenever the frequency of the input signal exceeds
one-half of the sampling rate, the signal will
fold back down to
lower frequencies.
Test Mode
When TEST is used, pins IN1 and IN2 are grounded and
packets of approximately 13pC charge are transferred to the
FIGURE 8. Timing Diagram of the Test Mode of the DDC112.
TABLE III. Timing for the DDC112 in the Test Mode.
integration capacitors of both Input 1 and Input 2. This fixed
charge can be transferred to the integration capacitors either
once during an integration cycle or multiple times. In the case
where multiple packets are transferred during one integration
period, the 13pC charge is additive. This mode can be used
in both the continuous and noncontinuous mode timing. The
timing diagrams for test mode are shown in Figure 8. The top
three lines in Figure 8 define the timing when one packet of
13pC is sent to the integration capacitors. The bottom three
lines define the timing when multiple packets are sent to the
integration capacitors.
FIGURE 7. Frequency Response of the DDC112.
0
–10
–20
–30
–40
–50
0.1
T
INT
100
T
INT
1
T
INT
10
T
INT
Frequency
t
1
t
1
t
3
t
4
t
4
t
5
t
2
Integrate B
Action
CONV
TEST
Action
CONV
TEST
Integrate A
Test Mode Disabled
13pC into B
13pC into A
13pC into B
13pC into A
Test Mode Disabled
Test Mode Enabled
Integrate B
Integrate A
Integrate B
Integrate A
Test Mode Disabled
13pC into B
26pC into A
39pC into B
52pC into A
Test Mode Disabled
Test Mode Enabled
Integrate B
Integrate A
t
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com