Electronic Components Datasheet Search
  English  ▼

X  

DDC112Y/2K Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112Y/2K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112Y/2K Datasheet(HTML) 17 Page - Texas Instruments

Back Button DDC112Y/2K Datasheet HTML 13Page - Texas Instruments DDC112Y/2K Datasheet HTML 14Page - Texas Instruments DDC112Y/2K Datasheet HTML 15Page - Texas Instruments DDC112Y/2K Datasheet HTML 16Page - Texas Instruments DDC112Y/2K Datasheet HTML 17Page - Texas Instruments DDC112Y/2K Datasheet HTML 18Page - Texas Instruments DDC112Y/2K Datasheet HTML 19Page - Texas Instruments DDC112Y/2K Datasheet HTML 20Page - Texas Instruments DDC112Y/2K Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DDC112
17
SBAS085B
www.ti.com
CLK = 10MHz
CLK = 15MHz
SYMBOL
DESCRIPTION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TINT
Integration Time (noncontinuous mode)
50
1,000,000
50
1,000,000
µs
t12
A/D Conversion Time (internally controlled)
202.2
134.8
µs
t13
A/D Conversion Reset Time (internally controlled)
13.2
8.8
µs
t15
Integrator and A/D Conversion Reset Time
37.8
25.2
µs
(internally controlled)
t16
Total A/D Conversion and Rest Time
910.8
607.2
µs
(internally controlled)
t17
Release Time
24
24
µs
FIGURE 14. Conversion Detail for the Internal Operation of the Non-Continuous Mode with Side A Integrated First.
t
12
T
INT
T
INT
t
16
t
12
t
13
t
15
t
17
Release
State
End Integration Side A
Start Integration Side B
End Integration Side B
Wait State
Side A
Data Ready
Side B
Data Ready
Start Integration Side A
Start Integration Side A
CONV
A/D Conversion
Input 1
A/D Conversion
Input 2
DVALID
t
12
T
INT
T
INT
t
16
t
12
t
13
t
15
t
17
CONV
A/D Conversion
Input 1
A/D Conversion
Input 2
DVALID
Release
State
End Integration Side B
Start Integration Side A
End Integration Side A
Wait State
Side B
Data Ready
Side A
Data Ready
Start Integration Side B
Start Integration Side B
FIGURE 15. Internal Operation Timing Diagram of the Non-Continuous Mode with Side B Integrated First.
TABLE VII. Internal Timing for the DDC112 in the Non-Continuous Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com