Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 2 Page - Texas Instruments

  INA200 Datasheet HTML 1Page - Texas Instruments INA200 Datasheet HTML 2Page - Texas Instruments INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
2
3
4
8
7
6
5
V
IN+
V
IN-
CMP
OUT
RESET
V+
OUT
CMP
IN
GND
INA200-INA202
MSOP-8(DGK),
SO-8(D)
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
GAIN
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
MSOP-8
DGK
BQH
INA200
20V/V
SO-8
D
INA200A
MSOP-8
DGK
BQJ
INA201
50V/V
SO-8
D
INA201A
MSOP-8
DGK
BQL
INA202
100V/V
SO-8
D
INA202A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Supply Voltage, V+
18
V
Current-Shunt Monitor Analog Inputs, VIN+, VIN–
Differential (VIN+) – (VIN–)
–18 to +18
V
Common Mode(2)
–16 to +80
V
Comparator Analog Input and Reset Pins(2)
GND – 0.3 to (V+) + 0.3
V
Analog Output, Out(2)
GND – 0.3 to (V+) + 0.3
V
Comparator Output, Out Pin(2)
GND – 0.3 to 18
V
Input Current Into Any Pin(2)
5
mA
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
ES
Human Body Model (HBM)
4000
V
D
Charged Device Model (CDM)
1000
V
Rat
ing
s
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
This voltage may exceed the ratings shown if the current at that pin is limited to 5mA.
PIN CONFIGURATIONS
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com