Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 1 Page - Texas Instruments

  INA200 Datasheet HTML 1Page - Texas Instruments INA200 Datasheet HTML 2Page - Texas Instruments INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
INA200
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
V
IN-
V
IN+
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
RESET
GND
V+
2
3
4
6
5
7
8
1
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
High-Side Measurement Current-Shunt Monitor
with Open-Drain Comparator and Reference
Check for Samples: INA200, INA201, INA202
1
FEATURES
DESCRIPTION
•
COMPLETE CURRENT SENSE SOLUTION
•
0.6V INTERNAL VOLTAGE REFERENCE
The INA200, INA201, and INA202 are high-side
current-shunt monitors with voltage output. The
•
INTERNAL OPEN-DRAIN COMPARATOR
INA200–INA202 can sense drops across shunts at
•
LATCHING CAPABILITY ON COMPARATOR
common-mode voltages from –16V to 80V. The
•
COMMON-MODE RANGE: –16V to +80V
INA200–INA202 are available with three output
voltage scales: 20V/V, 50V/V, and 100V/V, with up to
•
HIGH ACCURACY: 3.5% MAX ERROR OVER
500kHz bandwidth.
TEMPERATURE
The INA200, INA201, and INA202 also incorporate an
•
BANDWIDTH: 500kHz (INA200)
open-drain
comparator
and
internal
reference
•
QUIESCENT CURRENT: 1800mA (max)
providing a 0.6V threshold. External dividers are used
•
PACKAGES: SO-8, MSOP-8
to set the current trip point. The comparator includes
a latching capability, which can be made transparent
APPLICATIONS
by grounding (or leaving open) the RESET pin.
•
NOTEBOOK COMPUTERS
The INA200, INA201, and INA202 operate from a
•
CELL PHONES
single +2.7V to +18V supply, drawing a maximum of
•
TELECOM EQUIPMENT
1800mA of supply current. Package options include
the very small MSOP-8 and the SO-8. All versions
•
AUTOMOTIVE
are
specified
over
the
extended
operating
•
POWER MANAGEMENT
temperature range of –40°C to +125°C.
•
BATTERY CHARGERS
•
WELDING EQUIPMENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200 Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Axiomtek Co., Ltd.
INA200 AXIOMTEK-INA200 Datasheet
407Kb / 2P
DIN-Rail Cybersecurity Gateway with Intel Atom® x6212RE/x6414RE Processor and up to 6 LAN
Dec. 13, 2023.
More results

Similar Description - INA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com