Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA200 Datasheet HTML 2Page - Texas Instruments INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
45
40
35
30
25
20
15
10
5
10k
100k
Frequency(Hz)
1M
G=100
C
=1000pF
LOAD
G=50
G=20
45
40
35
30
25
20
15
10
5
10k
100k
Frequency(Hz)
1M
G=100
G=50
G=20
20
18
16
14
12
10
8
6
4
2
0
20
100
200
300
400
500
600
700
V
(mV)
DIFFERENTIAL
800
900
50V/V
20V/V
100V/V
140
130
120
110
100
90
80
70
60
50
40
10
100
1k
10k
Frequency(Hz)
100k
CMR
PSR
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100 150
200
250 300
350
V
(mV)
SENSE
400
450
500
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-16 -12
-8
-4
0
4
12
8
20
16
Common-ModeVoltage(V)
...
76
80
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
GAIN vs FREQUENCY
GAIN vs FREQUENCY
Figure 2.
Figure 3.
COMMON-MODE AND POWER-SUPPLY REJECTION
GAIN PLOT
vs FREQUENCY
Figure 4.
Figure 5.
OUTPUT ERROR vs VSENSE
OUTPUT ERROR vs COMMON-MODE VOLTAGE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com