Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
G
0.6V
Reference
Comparator
OUT
CMPIN
CMP
OUT
RESET
V
IN-
V
IN+
INA200(G=20)
INA201(G=50)
INA202(G=100)
GND
V+
2
3
4
6
5
7
8
1
Shunt
Option3
Shunt
Option1
R
3
R
4
Supply
ToV
IN-
ToV
IN+
ToV
IN-
ToV
IN+
R
1
R
2
From
ShuntOption
1,2,or3
RESET
4.5Vto5.5V
Q
1
2N3904
Shunt
Option2
Load
ToV
IN-
ToV
IN+
NOTE:Q cascodesthecomparatoroutputtodriveahigh-sideFET(the2N3904shownisgoodupto60V).Theshuntcouldbelocatedin
1
anyoneofthethreelocationsshown.Thelatchingcapabilityshouldbeusedin shutdownapplicationstopreventoscillationatthetrippoint.
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
Figure 31. High-Side Switch Over-Current Shutdown
14
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com