Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 4 Page - Texas Instruments

  INA200 Datasheet HTML 1Page - Texas Instruments INA200 Datasheet HTML 2Page - Texas Instruments INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Hysteresis=V
8mV
-
THRESHOLD
V
THRESHOLD
InputVoltage
0.6V
0.592V
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: COMPARATOR
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25°C, VS = +12V, VCM = +12V, VSENSE = 100mV, RL = 10kΩ to GND, and RPULL-UP = 5.1kΩ connected from CMPOUT
to VS, unless otherwise noted.
INA200, INA201, INA202
COMPARATOR PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Threshold
TA = +25°C
590
608
620
mV
Over Temperature
586
625
mV
Hysteresis(1)
TA = –40°C to +85°C
–8
mV
INPUT BIAS CURRENT(2)
CMPIN Pin
0.005
10
nA
vs Temperature
15
nA
INPUT VOLTAGE RANGE
0V to VS –
CMPIN Pin
V
1.5V
OUTPUT (OPEN-DRAIN)
CMP VOUT 1V to 4V,
Large-Signal Differential Voltage Gain
200
V/mV
RL ≥ 15kΩ Connected to 5V
High-Level Leakage Current(3) (4)
ILKG
VID = 0.4V, VOH = VS
0.0001
1
mA
Low-Level Output Voltage(3)
VOL
VID = –0.6V, IOL = 2.35mA
220
300
mV
RESPONSE TIME
RL to 5V, CL = 15pF, 100mV Input Step with
Response Time(5)
1.3
ms
5mV Overdrive
RESET
RESET Threshold(6)
1.1
V
Logic Input Impedance
2
M
Ω
Minimum RESET Pulse Width
1.5
ms
RESET Propagation Delay
3
ms
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design.
(3)
VID refers to the differential voltage at the comparator inputs.
(4)
Open-drain output can be pulled to the range of +2.7V to +18V, regardless of VS.
(5)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
(6)
The RESET input has an internal 2M
Ω (typical) pull-down. Leaving RESET open results in a LOW state, with transparent comparator
operation.
Figure 1. Typical Comparator Hysteresis
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com