Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
R
<<R
SHUNT
FILTER
3mW
V
SUPPLY
Load
R
<100W
FILTER
R
<100W
FILTER
C
FILTER
1
2
3
4
8
7
6
5
CMP
OUT
RESET
V
IN+
V
IN-
V+
OUT
CMP
IN
GND
INA200 INA202
-
SO-14,TSSOP-14
f
=
-3dB
1
2 (2R
)C
p
FILTER
FILTER
f
-3dB
G
0.6V
Reference
Comparator
0V
0.6V
V
IN
CMP
OUT
RESET
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
Figure 29. Input Filter (Gain Error—1.5% to –2.2%)
Figure 30. Comparator Latching Capability
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com