Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA200 Datasheet HTML 3Page - Texas Instruments INA200 Datasheet HTML 4Page - Texas Instruments INA200 Datasheet HTML 5Page - Texas Instruments INA200 Datasheet HTML 6Page - Texas Instruments INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
12
11
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
OutputCurrent(mA)
25
30
V =12V
S
+25 C
°
+25 C
°
-
°
40 C
-
°
40 C
+125 C
°
+125 C
°
SourcingCurrent
V =3V
S
SourcingCurrent
Outputstageisdesigned
tosourcecurrent.Current
sinkingcapabilityis
approximately400 A.
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
6
7
OutputVoltage(V)
8
9
10
2.00
1.75
1.50
1.25
1.00
0.75
0.50
-16 -12
-8
-4
0
4
8
12 16 20 24 28
V
(V)
CM
32
36
V
=0mV
SENSE
V =12V
S
V =2.7V
S
V
=100mV
SENSE
V =12V
S
V =2.7V
S
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
SupplyVoltage(V)
11.5 17
18
-
°
40 C
+
°
25 C
+125 C
°
Time(2 s/div)
m
G=20
V
=10mVto20mV
SENSE
Time(2 s/div)
m
G=20
V
=10mVto100mV
SENSE
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
POSITIVE OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
QUIESCENT CURRENT vs OUTPUT VOLTAGE
Figure 8.
Figure 9.
QUIESCENT CURRENT
OUTPUT SHORT-CIRCUIT CURRENT
vs COMMON-MODE VOLTAGE
vs SUPPLY VOLTAGE
Figure 10.
Figure 11.
STEP RESPONSE
STEP RESPONSE
Figure 12.
Figure 13.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com