Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8280 Datasheet HTML 3Page - Analog Devices AD8280 Datasheet HTML 4Page - Analog Devices AD8280 Datasheet HTML 5Page - Analog Devices AD8280 Datasheet HTML 6Page - Analog Devices AD8280 Datasheet HTML 7Page - Analog Devices AD8280 Datasheet HTML 8Page - Analog Devices AD8280 Datasheet HTML 9Page - Analog Devices AD8280 Datasheet HTML 10Page - Analog Devices AD8280 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8280
Rev. C | Page 7 of 24
Pin No.
Mnemonic
Description
28
SEL1
Digital Select Pin 1. Used with SEL0 to select channels to be used (see Table 5).
29
SEL0
Digital Select Pin 0. Used with SEL1 to select channels to be used (see Table 5).
30
DGT1
Digital Select Pin 1. Used with DGT0 and DGT2 to select deglitch time (see Table 7).
31
DGT0
Digital Select Pin 0. Used with DGT1 and DGT2 to select deglitch time (see Table 7).
32
ALRMSEL
Selects three separate alarms or one shared alarm. When ALRMSEL is logic high, three separate alarms are
selected; when ALRMSEL is logic low, one shared alarm is selected.
33
NPTC
Selects NTC or PTC thermistor for VTx inputs. When NPTC is tied to logic high (LDO pin), a PTC thermistor is
selected; when NPTC is tied to logic low (VBOTx pin), an NTC thermistor is selected.
34
GND2
Ground. Tie to same potential as VBOT1 and VBOT2.
35
GND1
Ground. Tie to same potential as VBOT1 and VBOT2.
36
VCC
Supply Voltage. Tie to LDO.
37
VCCS
Supply Voltage Sense. Tie to LDO.
38
LDO
LDO Output. Tie to VCC, VCCS, and LDOS.
39
LDOS
LDO Output Sense. Tie to LDO.
40
FB
Feedback Pin. Tie to REF.
41
REF
Reference Output. Tie to FB.
42
ENBO
Enable Output.
43
AIINOT
Alarm Current Input, Overtemperature. Used in daisy-chain configuration.
44
AIINUV
Alarm Current Input, Undervoltage. Used in daisy-chain configuration.
45
AIINOV
Alarm Current Input, Overvoltage. Used in daisy-chain configuration.
46
TESTO
Test Output.
47
BOT
Used to identify part at lowest potential in daisy chain (see Table 6).
48
TOP
Used to identify part at highest potential in daisy chain (see Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com