Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8280 Datasheet HTML 12Page - Analog Devices AD8280 Datasheet HTML 13Page - Analog Devices AD8280 Datasheet HTML 14Page - Analog Devices AD8280 Datasheet HTML 15Page - Analog Devices AD8280 Datasheet HTML 16Page - Analog Devices AD8280 Datasheet HTML 17Page - Analog Devices AD8280 Datasheet HTML 18Page - Analog Devices AD8280 Datasheet HTML 19Page - Analog Devices AD8280 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8280
Rev. C | Page 16 of 24
APPLICATIONS INFORMATION
TYPICAL CONNECTIONS
Figure 45 is a block diagram of the AD8280 typical connections.
CELL INPUTS
The battery stack of six cells should be connected to VIN0 through
VIN6, with the highest potential connected to VIN6 and the lowest
to VIN0. The connections should be made through a low-pass filter
consisting of a 10 kΩ resistor and a 10 nF capacitor, as shown in
Figure 45. The lowest potential of the six-cell stack should also be
connected to VBOT1, VBOT1S, VBOT2, and VBOT2S as well,
whereas the highest potential should be connected through a
diode to VTOP and VTOPS. It is recommended that decoupling
capacitors of 0.1 μF and 10 μF be used at the VTOP pin.
TEMPERATURE INPUTS AND THERMISTOR
SELECTION
VT1 and VT2 are voltage inputs and are designed to work with
thermistors that are configured as resistor dividers, as shown
in Figure 45. The voltage at the top of the thermistor divider
should be the +5 V output of the LDO. The LDO pin can source
more current than the REF pin and is better suited to drive the
thermistor dividers.
If a voltage source other than that of the AD8280 LDO is used
to drive the thermistor bridge (VTH), it is important that the
VT1 and VT2 voltages be brought to 0 V when the AD8280 is
disabled or powered down because the VT1 and VT2 inputs
must be at 0 V when the LDO is also at 0 V.
VBOT1
VTOP
UV OV OT
ENBI
AD8280
VCC
REF
UV
REF
OV
REF
OT
REF
VT2
10kΩ
FB
VBOT1S
VTOPS
2.2µF
10nF
SEL0
VCCS
0.1µF
SEL1
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
VT1
VBOT2
VBOT2S
ENBO
LDO
LDOS
TESTO
TESTI
AIOUTOV AIOUTUV AIOUTOT
AIINOV AIINUV
AIINOT
AVOUTOV
AVOUTUV
AVOUTOT
DGT2
NPTC
GND1 GND2
TOP
BOT
ALRMSEL
DGT0
DGT1
100nF
Z1
0.1µF
0.1µF
10µF
PART
GROUND
PART
GROUND
NOTES
1. PART IS CONFIGURED AS FOLLOWS:
MIDDLE PART IN DAISY CHAIN
ALARMS ARE SHARED
DEGLITCH TIME SET TO 0.0 SECONDS
NTC THERMISTOR INPUTS
6 CELL INPUTS
22pF
+
+
+
+
+
+
Figure 45. Typical Connections of the AD8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com