Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8280 Datasheet HTML 15Page - Analog Devices AD8280 Datasheet HTML 16Page - Analog Devices AD8280 Datasheet HTML 17Page - Analog Devices AD8280 Datasheet HTML 18Page - Analog Devices AD8280 Datasheet HTML 19Page - Analog Devices AD8280 Datasheet HTML 20Page - Analog Devices AD8280 Datasheet HTML 21Page - Analog Devices AD8280 Datasheet HTML 22Page - Analog Devices AD8280 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8280
Rev. C | Page 19 of 24
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
VT1
VBOTx
VTOPx UV OV
AIINxx
OT
AIOUTxx
AD8280
AD8280
AD8280
AVOUTxx
DGT0
UV
REF
OV
REF
OT
REF
UV
REF
OV
REF
OT
REF
UV
REF
OV
REF
OT
REF
REF/FB
VT2
ENBO
ENBI
ENBI
SEL0
SEL1
10kΩ
10kΩ
10µF 0.1µF
LDOx
TESTI
DGT1
TOP
BOT
TESTO
VOUT
ENBI
TEST
NTC
T1/T2
T1
T2
T3/T4
T5/T6
10nF
2.2µF
100nF
1.0µF
ALRMSEL/
DGT2/
NPTC
VCCx
GNDx
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
VT1
VBOTx
VTOPx UV OV
AIINxx
OT
AIOUTxx
AVOUTxx
DGT0
REF/FB
VT2
ENBO
SEL0
SEL1
LDOx
TESTI
DGT1
TOP
BOT
TESTO
ALRMSEL/
DGT2/
NPTC
VCCx
GNDx
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
VT1
VBOTx
VTOPx UV OV
AIINxx
OT
AIOUTxx
AVOUTxx
DGT0
REF/FB
VT2
ENBO
ENBI
SEL0
SEL1
LDOx
TESTI
DGT1
TOP
BOT
TESTO
ALRMSEL/
DGT2/
NPTC
VCCx
GNDx
100nF
22pF
T5
T4
T6
T3
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
Figure 50. Typical Daisy-Chain Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com