Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8280 Datasheet HTML 8Page - Analog Devices AD8280 Datasheet HTML 9Page - Analog Devices AD8280 Datasheet HTML 10Page - Analog Devices AD8280 Datasheet HTML 11Page - Analog Devices AD8280 Datasheet HTML 12Page - Analog Devices AD8280 Datasheet HTML 13Page - Analog Devices AD8280 Datasheet HTML 14Page - Analog Devices AD8280 Datasheet HTML 15Page - Analog Devices AD8280 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8280
Rev. C | Page 12 of 24
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
SOURCE CURRENT (mA)
LDO
REF
Figure 27. LDO and Reference Voltage vs. LDO Source Current,
Stack Voltage = 18.0 V
0
5
10
15
20
25
30
35
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
LDO
REF
Figure 28. LDO and Reference Source Current vs. Temperature
4.95
4.97
4.99
5.01
5.03
5.05
5.07
5.09
5.11
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
LDO
REF
Figure 29. LDO and Reference Voltage vs. Temperature
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
6
1014
18
222630
STACK VOLTAGE (V)
LDO
REF
Figure 30. LDO and Reference Voltage vs. Stack Voltage (VIN6 – VIN0)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VT2
VT1
OV
UV
OT
Figure 31. Input Bias Current vs. Temperature
1
OV
20ns/DIV
Figure 32. Alarm Rise Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com