Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 1 Page - Analog Devices

  AD8280 Datasheet HTML 1Page - Analog Devices AD8280 Datasheet HTML 2Page - Analog Devices AD8280 Datasheet HTML 3Page - Analog Devices AD8280 Datasheet HTML 4Page - Analog Devices AD8280 Datasheet HTML 5Page - Analog Devices AD8280 Datasheet HTML 6Page - Analog Devices AD8280 Datasheet HTML 7Page - Analog Devices AD8280 Datasheet HTML 8Page - Analog Devices AD8280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Lithium Ion Battery Safety Monitor
AD8280
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010-2011 Analog Devices, Inc. All rights reserved.
FEATURES
Wide supply voltage range: 6.0 V to 30.0 V
Multiple inputs can monitor 3 to 6 cell voltages
and 2 temperatures
Adjustable threshold levels: overvoltage, undervoltage,
overtemperature
Alarm options: separate or shared alarms
Extended temperature range performance
−40°C ≤ TA ≤ +105°C
Can be daisy-chained
Internal reference
Powered from battery stack
LDO available to power isolator
Qualified for automotive applications
Extensive self-test feature aids in meeting ASIL/SIL
requirements
APPLICATIONS
Lithium ion battery backup monitor and threshold detection
Electric and hybrid electric vehicle
Industrial vehicle
Uninterruptible power supply
Wind and solar
GENERAL DESCRIPTION
The AD8280 is a hardware-only safety monitor for lithium ion
battery stacks. The part has inputs to monitor six battery cells
and two temperature sensors (either NTC or PTC thermistors).
The part is designed to be daisy-chained with other AD8280
devices to monitor a stack of significantly more than six cells
without the need for numerous isolators. Its output can be con-
figured for an independent or shared alarm state.
The AD8280 functions independently from a primary monitor
and contains its own reference and LDO, both of which are
powered completely from the battery cell stack. The reference, in
conjunction with external resistor dividers, is used to establish
trip points for the overvoltages and undervoltages. Each cell
channel contains programmable deglitching circuitry to prevent
alarms from transient input levels.
The AD8280 also has two digital pins that can be used to select
various combinations of inputs in the case where fewer than six
cells are to be monitored. Most important, it has a self-test feature,
making it suitable for high reliability applications, such as auto-
motive hybrid electric vehicles or higher voltage industrial usage,
such as uninterruptible power supplies. The AD8280 can function
over a temperature range of −40°C to +105°C.
FUNCTIONAL BLOCK DIAGRAM
I/V
CONVERTER
V/I
CONVERTER
VIN6
VIN5
VIN2
VIN1
OT
UV
OV
AIINOV
AIOUTOV
VT1
SEL0
SEL 1
VTOP
VBOT1
C6O
CT2
C1O
C1U
C6U
DE-
GLITCHING
DE-
GLITCHING
DE-
GLITCHING
DE-
GLITCHING
DE-
GLITCHING
DE-
GLITCHING
VIN3
VIN4
AD8280
CT1
VT2
AVOUTOV
ALARM
LOGIC
VIN0
LDO
REF
ENBO
ENBI
TOP
REF
DGT0
DGT1
OT
OT
LDO
TESTO
TESTI
SELF-
TEST
GENERATOR
BOT
LEVEL
SHIFTER
LEVEL
SHIFTER
AIOUTUV
AIOUTOT
AIINUV AIINOT
DGT2
NPTC
ALRMSEL
AVOUTUV
AVOUTOT
VCC
VCCS
GND2
GND1
VBOT1S
VBOT2
VBOT2S
FB
LDOS
VTOPS
LEVEL
SHIFTER
Figure 1.


Similar Part No. - AD8280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828 AD-AD828 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD8283 AD-AD8283 Datasheet
578Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8283 AD-AD8283 Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8283CP-EBZ AD-AD8283CP-EBZ Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
More results

Similar Description - AD8280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Texas Instruments
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Mitsumi Electronics, Co...
MM3734 MITSUMI-MM3734 Datasheet
42Kb / 2P
Voltage monitor IC for lithium-ion battery secondary protect
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com