Electronic Components Datasheet Search
  English  ▼

X  

AD8280 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8280
Description  Lithium Ion Battery Safety Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8280 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8280 Datasheet HTML 16Page - Analog Devices AD8280 Datasheet HTML 17Page - Analog Devices AD8280 Datasheet HTML 18Page - Analog Devices AD8280 Datasheet HTML 19Page - Analog Devices AD8280 Datasheet HTML 20Page - Analog Devices AD8280 Datasheet HTML 21Page - Analog Devices AD8280 Datasheet HTML 22Page - Analog Devices AD8280 Datasheet HTML 23Page - Analog Devices AD8280 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8280
Rev. C | Page 23 of 24
PROTECTION COMPONENTS AND PULL-UP/
PULL-DOWN RESISTORS
As shown in Figure 45, several devices are added to provide
protection in a high voltage environment. Zener Diode Z1
ensures that the six-cell stack voltage does not significantly
exceed the maximum 30 V across the part. It is recommended
that a 33 V rated Zener diode be used for Z1.
The user can also use diodes in the daisy-chain lines (anode to
cathode from higher potential to lower potential) to protect the
parts in the event that an open circuit appears on the battery
connections, causing a high reverse voltage across the AD8280
(these diodes are not shown in Figure 45). The diodes should
have a reverse voltage rating comparable to the highest voltage
of the battery system.
If diodes are used in the daisy chain, it is also recommended that
a diode be used between the top cell in the stack (anode) and
VTOP (cathode) of the top part, as well as between VBOTx
(anode) of each part and VTOP (cathode) of the next lowest
potential part in the daisy chain.
Because there are no pull-up or pull-down resistors internal to
the part, the user may want to pull down the TESTI pin of the
bottom part through a 10 kΩ resistor to VBOTx (part ground).
The addition of this resistor ensures that the part is not locked
in self-test mode if the line opens. Also, the user may want to pull
up the ENBI pin on the bottom part of a daisy chain so that if the
line opens, the chain stays in the enabled (powered up) mode.
EMI CONSIDERATIONS
To increase immunity to electromagnetic interference (EMI), use
the following components and layout schemes (see Figure 50).
•
Use a 22 pF capacitor on each of the daisy-chain lines.
•
Route the daisy-chain lines on an inner PCB layer.
•
Use ground planes (connected to VBOTx from the higher
potential part) both over and under the daisy-chain lines to
shield them.
•
Route the connections from VBOTx to VTOP to best
ensure a low impedance connection between them.
•
Use ferrite beads on the VTOP lines as shown in Figure 50.
•
Use 100 nF capacitors across each of the six-cell battery stacks.
•
Place the AD8280 parts as close together as possible on the
board to minimize the length of the daisy-chain lines.
SYSTEM ACCURACY CALCULATION
When calculating system accuracy, there are four error sources
to consider:
•
Trip point error (see Table 1)
•
Reference voltage error (see Table 1)
•
Resistor tolerance
•
Resistor temperature coefficient
Sample Calculation
Following is a sample calculation for overvoltage accuracy. In
this calculation, the following conditions are assumed:
•
Resistors used in the external resistor divider to set the trip
points are ±1%, 100 ppm/°C resistors.
•
Temperature range is −40°C to +85°C.
•
Desired overvoltage trip point is 4.0 V (resistor values
selected should be 15 kΩ and 60 kΩ).
The resulting sources of error are described in this section.
Maximum Trip Point Error
The maximum trip point error is ±15 mV.
Maximum Reference Error
The maximum reference error is as follows:
(60/(60 + 15)) × ±50 mV = ±40 mV
Maximum Resistor Tolerance Error
The maximum resistor tolerance error depends on the values
of the resistors. If one resistor is high and the other is low, the
worst-case error is as follows:
(60.6/(60.6 + 14.85)) × 5.00 V = 4.016 V (error of +16 mV)
(59.4/(59.4 + 15.15)) × 5.00 V = 3.984 V (error of −16 mV)
In this sample calculation, the maximum resistor tolerance
error is ±16 mV.
Maximum Temperature Coefficient Error
If one resistor drifts high and the other resistor drifts low, the
worst-case error is as follows:
60 kΩ + (100 ppm/°C × (25°C − (−40°C)) × 60 kΩ) = 60.39 kΩ
15 kΩ − (100 ppm/°C × (25°C − (−40°C)) × 15 kΩ) = 14.9 kΩ
(60.39/(60.39 + 14.90)) × 5.00 V = 4.010 V (error of +10 mV)
or
60 kΩ − (100 ppm/°C × (25°C − (−40°C)) × 60 kΩ) = 59.61 kΩ
15 kΩ + (100 ppm/°C × (25°C − (−40°C)) × 15 kΩ) = 15.1 kΩ
(59.61/(59.61 + 15.10)) × 5.00 V = 3.990 V (error of −10 mV)
In this sample calculation, the maximum temperature coefficient
error is ±10 mV.
Total System Accuracy
The system accuracy, or the sum of all the errors, is ±81 mV. If
the resistor pair coefficients are matched so that drift is in the
same direction, that portion of the error can be ignored, and the
total system accuracy would be ±71 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com