Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 43Page - Texas Instruments TMS320DM6467 Datasheet HTML 44Page - Texas Instruments TMS320DM6467 Datasheet HTML 45Page - Texas Instruments TMS320DM6467 Datasheet HTML 46Page - Texas Instruments TMS320DM6467 Datasheet HTML 47Page - Texas Instruments TMS320DM6467 Datasheet HTML 48Page - Texas Instruments TMS320DM6467 Datasheet HTML 49Page - Texas Instruments TMS320DM6467 Datasheet HTML 50Page - Texas Instruments TMS320DM6467 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
3.7.9
VLYNQ
Table 3-13. VLYNQ Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
VLYNQ
IPU
VLYNQ_CLOCK
U1
I/O/Z
VLYNQ serial clock
DVDD33
IPU
VLYNQ_SCRUN
U2
I/O/Z
VLYNQ serial clock run request
DVDD33
VLYNQ_TXD3
T3
VLYNQ_TXD2
T2
–
O/Z
VLYNQ transmit bus [3:0]
DVDD33
VLYNQ_TXD1
T1
VLYNQ_TXD0
R4
VLYNQ_RXD3
R3
VLYNQ_RXD2
R2
IPD
I
VLYNQ receive bus [3:0]
DVDD33
VLYNQ_RXD1
P3
VLYNQ_RXD0
P4
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
47
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com