| Electronic Components Datasheet Search |
|
TMS320DM6467 Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467 Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 355 page ![]() TMS320DM6467 www.ti.com SPRS403H – DECEMBER 2007 – REVISED JUNE 2012 3.7.23 Timers (Timer 0, Timer 1, and Timer 2) Table 3-27. Timer 0, Timer 1, and Timer 2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. Timer 0 IPD Timer0 lower input. This pin is the Timer0 input for 64-mode operation. For 32-bit TINP0L Y7 I/O/Z DVDD33 timer operation, this pin is the input for the Timer0 lower 32-bit counter. IPD Timer0 upper input. For 32-bit timer operation, this pin is the input for the Timer0 TINP0U AA6 I/O/Z DVDD33 upper 32-bit counter. Not used for Timer0 64-mode operation. IPD Timer0 lower output. This pin is the Timer0 output for 64-mode operation. For 32-bit TOUT0L W8 I/O/Z DVDD33 timer operation, this pin is the output for the Timer0 lower 32-bit counter. IPD Timer0 upper output. For 32-bit timer operation, this pin is the output for the Timer0 TOUT0U W7 I/O/Z DVDD33 upper 32-bit counter. Not used for Timer0 64-mode operation. Timer 1 IPD Timer1 lower input. This pin is the Timer1 input for 64-mode operation. For 32-bit TINP1L Y6 I/O/Z DVDD33 timer operation, this pin is the input for the Timer1 lower 32-bit counter. IPD Timer1 lower output. This pin is the Timer1 output for 64-mode operation. For 32-bit TOUT1L AA5 I/O/Z DVDD33 timer operation, this pin is the output for the Timer1 lower 32-bit counter. IPD Timer1 upper output. For 32-bit timer operation, this pin is the output for the Timer1 TOUT1U AB4 I/O/Z DVDD33 upper 32-bit counter. Not used for Timer1 64-mode operation. WATCHDOG TIMER (Timer 2) IPD TOUT2 Y5 I/O/Z Watchdog timer output. DVDD33 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2007–2012, Texas Instruments Incorporated Device Overview 67 Submit Documentation Feedback Product Folder Link(s): TMS320DM6467 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |