Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 45Page - Texas Instruments TMS320DM6467 Datasheet HTML 46Page - Texas Instruments TMS320DM6467 Datasheet HTML 47Page - Texas Instruments TMS320DM6467 Datasheet HTML 48Page - Texas Instruments TMS320DM6467 Datasheet HTML 49Page - Texas Instruments TMS320DM6467 Datasheet HTML 50Page - Texas Instruments TMS320DM6467 Datasheet HTML 51Page - Texas Instruments TMS320DM6467 Datasheet HTML 52Page - Texas Instruments TMS320DM6467 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
Table 3-14. HPI Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
PCI_AD23/
DD7/
B5
HD23/EM_A[7]
PCI_AD22/
DD6/
C7
HD22/EM_A[6]
PCI_AD21/
DD5/
C5
HD21/EM_A[5]
PCI_AD20/
DD4/
D7
These pins are multiplexed between PCI, ATA, HPI, and EMIFA.
HD20/EM_A[4]
IPD
I/O/Z
In HPI-32 mode, these pins are the HPI upper data bus, HD[31:16] (I/O/Z).
DVDD33
PCI_AD19/
In HPI-16 mode, the HD[31:16] pins are not used by the HPI .
DD3/
A4
HD19/EM_A[3]
PCI_AD18/
DD2/
E7
HD18/EM_A[2]
PCI_AD17/
DD1/
B4
HD17/EM_A[1]
PCI_AD16/
DD0/
C6
HD16/EM_A[0]
PCI_AD15/
E5
HD15/EM_D15
PCI_AD14/
C1
HD14/EM_D14
PCI_AD13/
E4
HD13/EM_D13
PCI_AD12/
D3
These pins are multiplexed between PCI, HPI, and EMIFA.
HD12/EM_D12
IPD
I/O/Z
In HPI-16 mode, these pins are the HPI data bus, HD[15:0] (I/O/Z).
DVDD33
PCI_AD11/
In HPI-32 mode, these pins are the HPI lower data bus, HD[15:0] (I/O/Z).
E3
HD11/EM_D11
PCI_AD10/
D2
HD10/EM_D10
PCI_AD9/
F5
HD9/EM_D9
PCI_AD8/
D1
HD8/EM_D8
PCI_AD7/
E2
HD7/EM_D7
PCI_AD6/
F3
HD6/EM_D6
PCI_AD5/
E1
HD5/EM_D5
PCI_AD4/
G5
These pins are multiplexed between PCI, HPI, and EMIFA.
HD4/EM_D4
IPD
I/O/Z
In HPI-16 mode, these pins are the HPI data bus, HD[15:0] (I/O/Z).
DVDD33
PCI_AD3/
In HPI-32 mode, these pins are the HPI lower data bus, HD[15:0] (I/O/Z).
F2
HD3/EM_D3
PCI_AD2/
G4
HD2/EM_D2
PCI_AD1/
F1
HD1/EM_D1
PCI_AD0/
G3
HD0/EM_D0
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
49
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com