Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 49Page - Texas Instruments TMS320DM6467 Datasheet HTML 50Page - Texas Instruments TMS320DM6467 Datasheet HTML 51Page - Texas Instruments TMS320DM6467 Datasheet HTML 52Page - Texas Instruments TMS320DM6467 Datasheet HTML 53Page - Texas Instruments TMS320DM6467 Datasheet HTML 54Page - Texas Instruments TMS320DM6467 Datasheet HTML 55Page - Texas Instruments TMS320DM6467 Datasheet HTML 56Page - Texas Instruments TMS320DM6467 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
Table 3-16. Video-Port Interface (VPIF) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
-
VP_CLKO2
AA9
O/Z
VPIF display channel 2 output clock (O/Z).
DVDD33
This pin is multiplexed between the VPIF and TSIF0.
VP_CLKO3/
-
AC10
O/Z
When used for VPIF, this pin is the display channel 3 output clock,
TS0_CLKO
DVDD33
VP_CLKO3 (O/Z).
VP_DOUT15/
AB8
I/O/Z
TS1_DIN
VP_DOUT14/
AC7
I/O/Z
TS1_PSTIN
VP_DOUT13/
Y9
I/O/Z
TS1_EN_WAITO
VP_DOUT12/
AA8
I/O/Z
These pins are multiplexed between the VPIF and TSIF1.
TS1_WAITO
IPD
When used for the VPIF, these pins are display data bits, VP_DOUT[15:8]
DVDD33
VP_DOUT11/
(O/Z).
AB10
O/Z
TS1_DOUT
VP_DOUT10/
AA10
O/Z
TS1_PSTO
VP_DOUT9/
AC8
O/Z
TS1_ENAO
VP_DOUT8/
AB9
O/Z
TS1_WAITIN
VP_DOUT7/
AB7
VADJEN
VP_DOUT6/
AC5
DSPBOOT
VP_DOUT5/
AC6
PCIEN
VP_DOUT4/
AA7
These pins are multiplexed between the VPIF and boot configuration.
CS2BW
IPD
I/O/Z
After reset, these pins are used by the VPIF as display data bits,
DVDD33
VP_DOUT3/
VP_DOUT[7:0] (O/Z).
AB6
BTMODE3
VP_DOUT2/
Y8
BTMODE2
VP_DOUT1/
AC4
BTMODE1
VP_DOUT0/
AB5
BTMODE0
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
53
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com