| Electronic Components Datasheet Search |
|
TMS320DM6467 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 355 page ![]() TMS320DM6467 www.ti.com SPRS403H – DECEMBER 2007 – REVISED JUNE 2012 Table 3-23. UART0 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. UART0 IrDA/CIR FUNCTION (PINMUX1.UART0CTL = 1x) This pin is multiplexed between UART0 and TSIF1. URXD0/ IPD AB13 I When TSIF1 input on UART0 muxing is not enabled (PINMUX0.TSSIMUX ≠ 01), TS1_DIN DVDD33 this pin is UART0 IrDA/CIR receive data, URXD0 (I). This pin is multiplexed between UART0 and TSIF1. UTXD0/ IPD When UART0 IrDA/CIR functional muxing is selected (PINMUX1.UART0CTL = 1x) URCTX0/ Y13 I/O/Z DVDD33 and TSIF1 input on UART0 muxing is not enabled (PINMUX0.TSSIMUX ≠ 01), this TS1_PSTIN pin is UART0 CIR transmit data, URCTX0 (O/Z). This pin is multiplexed between UART0 and TSIF1. URTS0/ IPU When UART0 IrDA/CIR functional muxing is selected (PINMUX1.UART0CTL = 1x) UIRTX0/ AA13 I/O/Z DVDD33 and TSIF1 input on UART0 muxing is not enabled (PINMUX0.TSSIMUX ≠ 01), this TS1_EN_WAITO pin is UART0 IrDA transmit data, UIRTX0 (O/Z). When UART0 IrDA/CIR functional muxing is selected (PINMUX1.UART0CTL = 1x) UCTS0/ IPU AC12 I/O/Z and TSIF1 input on UART0 muxing is not enabled (PINMUX0.TSSIMUX ≠ 01), this USD0 DVDD33 pin is UART0 IrDA transceiver control, USD0 (O/Z). Copyright © 2007–2012, Texas Instruments Incorporated Device Overview 63 Submit Documentation Feedback Product Folder Link(s): TMS320DM6467 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |