Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 77Page - Texas Instruments TMS320DM6467 Datasheet HTML 78Page - Texas Instruments TMS320DM6467 Datasheet HTML 79Page - Texas Instruments TMS320DM6467 Datasheet HTML 80Page - Texas Instruments TMS320DM6467 Datasheet HTML 81Page - Texas Instruments TMS320DM6467 Datasheet HTML 82Page - Texas Instruments TMS320DM6467 Datasheet HTML 83Page - Texas Instruments TMS320DM6467 Datasheet HTML 84Page - Texas Instruments TMS320DM6467 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 355 page
background image
PREFIX
TMS
320
DM6467
CUT
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320™ DSP family
PACKAGE TYPE
(A)
C64x+™ DSP:
DM6467
DEVICE
DEVICE SPEED RANGE
( )
Blank = 594-MHz DSP, 297-MHz ARM9
[Default]
7 = 729-MHz DSP, 364.5-MHz ARM9
, 297-MHz DDR2
, 310.5-MHz DDR2
TEMPERATURE RANGE
A
C
SILICON REVISION
V
Blank =
A = -4
0° C to 85° C, Commercial Temperature
0° C to 105° C, Extended Temperature [-594 MHz only]
D = -40° C to 85° C, Industrial Temperature [-729 MHz only]
VOLTAGE SCALE ADJUSTMENT
Blank =
V = SmartReflex [-594 MHz only]
SmartReflex Not Supported
TMX
TMS
CUT = 529-pin plastic BGA, with Pb-Free die bump and
solder ball
Blank =
C =
Revision 1.1
Revision 3.0
Blank =
C =
Revision 1.0
A = Revision 1.1
Revision 3.0
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, CUT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default [594-
MHz DSP, 297-MHz ARM9]).
Figure 3-8 provides a legend for reading the complete device name for any TMS320DM646x DMSoC
platform member.
A.
BGA = Ball Grid Array
B.
For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
Figure 3-8. Device Nomenclature(B)
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
81
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com