Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 7Page - Texas Instruments LM5045MH Datasheet HTML 8Page - Texas Instruments LM5045MH Datasheet HTML 9Page - Texas Instruments LM5045MH Datasheet HTML 10Page - Texas Instruments LM5045MH Datasheet HTML 11Page - Texas Instruments LM5045MH Datasheet HTML 12Page - Texas Instruments LM5045MH Datasheet HTML 13Page - Texas Instruments LM5045MH Datasheet HTML 14Page - Texas Instruments LM5045MH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
HS1
HO1
BST1
LO1
VCC
SR1
SR2
RD1
S
R
Q
T
Q
Q
REF
REF
HS2
HO2
BST2
VCC
RD2
LO2
VOLTAGE
REGULATOR
VCC
UVLO
LOGIC
OSCILLATOR
DRIVER
LOGIC
VIN
UVLO
OVP
RT
RAMP
SSSR
COMP
CS
SS
RES
AGND
PGND
REF
VCC
0.4V
1.25V
SHUTDOWN
STANDBY
UVLO
HYSTERESIS
20 PA
1.25V
HYSTERESIS
CLK
PWM
1V
5k
1:1
+
-
-
+
+
-
+
-
+
-
+
-
HICCUP
MODE
TIMER and
LOGIC
CS
SS
SLOPE
DELAY
TIMERS
AND
DRIVER
LOGIC
R
R
SS
SS
Buffer
0 PA
SSOFF
100 PA
20 PA
20 PA
30 PA
10 PA
5V
THERMAL
LIMIT
(160°C)
5V
REFERENCE
20 PA
5 PA
1.0V
5V
SLOPECOMP
RAMP GENERATOR
0.75V
CLK + LEB
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Block Diagram
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com