Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 18Page - Texas Instruments LM5045MH Datasheet HTML 19Page - Texas Instruments LM5045MH Datasheet HTML 20Page - Texas Instruments LM5045MH Datasheet HTML 21Page - Texas Instruments LM5045MH Datasheet HTML 22Page - Texas Instruments LM5045MH Datasheet HTML 23Page - Texas Instruments LM5045MH Datasheet HTML 24Page - Texas Instruments LM5045MH Datasheet HTML 25Page - Texas Instruments LM5045MH Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
RFF =
-1
VRAMP
VINMIN
(1-
FOSC x CFF x In
)
VIN
RFF
CFF
LM5045
SLOPE
PROPORTIONAL
TO VIN
COMP
Gate Drive
1V
CLK
VIN
R
R
5V
5k
1:1
RAMP
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 19. Feed-Forward Voltage Mode Configuration
The recommended capacitor value range for CFF is from 100pF to 1800pF. Referring to Figure 19, it can be seen
that CFF value must be small enough to be discharged with in the clock pulse-width which is typically within 50ns.
The RDS(ON) of the internal discharge FET is 5.5Ω.
The value of RFF required can be calculated from
(4)
For example, assuming a VRAMP of 1.5V (a good compromise of signal range and noise immunity), at VINMIN of
36V (oscillator frequency of 400 kHz and CFF = 470pF results in a value for RFF of 125 kΩ.
Current Mode Control Using the LM5045
The LM5045 can be configured for current mode control by applying a signal proportional to the primary current
to the RAMP pin. One way to achieve this is shown in Figure 20. The primary current can be sensed using a
current transformer or sense resistor, the resulting signal is filtered and applied to the RAMP pin through a
resistor used for slope compensation. It can be seen that the signal applied to the RAMP pin consists of the
primary current information from the CS pin plus an additional ramp for slope compensation, added by the
resistor RSLOPE.
The current sense resistor is selected such that during over current condition, the voltage across the current
sense resistor is above the minimum CS threshold of 728mV.
In general, the amount of slope compensation required to avoid sub-harmonic oscillation is equal to at least one-
half the down-slope of the output inductor current, transformed to the primary. To mitigate sub-harmonic
oscillation after one switching period, the slope compensation has to be equal to one times the down slope of the
filter inductor current transposed to primary. This is known as deadbeat control. The slope compensation resistor
required to implement dead-beat control can be calculated as follows:
where
•
NTR is the turns-ratio with respect to the secondary
(5)
For example, for a 3.3V output converter with a turns-ratio between primary and secondary of 9:1, an output filter
inductance (LFILTER) of 800nH and a current sense resistor (RSENSE) of 150mΩ, RSLOPE of 1.67kΩ will suffice.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com