Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 19Page - Texas Instruments LM5045MH Datasheet HTML 20Page - Texas Instruments LM5045MH Datasheet HTML 21Page - Texas Instruments LM5045MH Datasheet HTML 22Page - Texas Instruments LM5045MH Datasheet HTML 23Page - Texas Instruments LM5045MH Datasheet HTML 24Page - Texas Instruments LM5045MH Datasheet HTML 25Page - Texas Instruments LM5045MH Datasheet HTML 26Page - Texas Instruments LM5045MH Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
0.1 PF
50
LM5045
VIN
VPWR
CS
RFILTER
RCS
LM5045
RAMP
CLK + LEB
CLK
Current
Sense
CFILTER
SLOPE
100 PA
0
RSLOPE
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
VIN and VCC
The voltage applied to the VIN pin, which may be the same as the system voltage applied to the power
transformer’s primary (VPWR), can vary in the range of the 14 to 100V. It is recommended that the filter shown in
Figure 21 be used to suppress the transients that may occur at the input supply. This is particularly important
when VIN is operated close to the maximum operating rating of the LM5045. The current into VIN depends
primarily on the LM5045’s operating current, the switching frequency, and any external loads on the VCC pin,
that typically include the gate capacitances of the power MOSFETs. In typical applications, an auxiliary
transformer winding is connected through a diode to the VCC pin. This pin must raise VCC voltage above 8V to
shut off the internal start-up regulator.
After the outputs are enabled and the external VCC supply voltage has begun supplying power to the IC, the
current into the VIN pin drops below 1mA. VIN should remain at a voltage equal to or above the VCC voltage to
avoid reverse current through the internal body diode of the internal VCC regulator.
For Applications with > 100V Input
For applications where the system input voltage exceeds 100V, VIN can be powered from an external start-up
regulator as shown in Figure 22. In this configuration, the VIN and VCC pins should be connected together. The
voltage at the VCC and VIN pins must be greater than 10V (>Max VCC reference voltage) yet not exceed 16V.
To enable operation the VCC voltage must be raised above 10V. The voltage at the VCC pin must not exceed
16V. The voltage source at the right side of Figure 22 is typically derived from the power stage, and becomes
active once the LM5045’s outputs are active.
Figure 20. Current Mode Configuration
Figure 21. Input Transient Protection
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com