Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 24Page - Texas Instruments LM5045MH Datasheet HTML 25Page - Texas Instruments LM5045MH Datasheet HTML 26Page - Texas Instruments LM5045MH Datasheet HTML 27Page - Texas Instruments LM5045MH Datasheet HTML 28Page - Texas Instruments LM5045MH Datasheet HTML 29Page - Texas Instruments LM5045MH Datasheet HTML 30Page - Texas Instruments LM5045MH Datasheet HTML 31Page - Texas Instruments LM5045MH Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LO1
PGND
VCC
BST1
HO1
HS1
VIN
LM5045
Q1
D1
Hiccup Mode off-time
Soft-Start
Restart delay
1V
2V
4V
Count to Eight
1V
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 30. Hiccup Mode Delay and Soft-Start Timing Diagram
Augmenting the Gate Drive Strength
The LM5045 includes powerful 2A integrated gate drivers. However, in certain high power applications (>500W),
it might be necessary to augment the strength of the internal gate driver to achieve higher efficiency and better
thermal performance. In high power applications, typically, the I2xR loss in the primary MOSFETs is significantly
higher than the switching loss. In order to minimize the I2xR loss, either the primary MOSFETs are paralleled or
MOSFETs with low RDS (on) are employed. Both these scenarios increase the total gate charge to be driven by
the controller IC. An increase in the gate charge increases the FET transition time and hence increases the
switching losses. Therefore, to keep the total losses within a manageable limit the transition time needs to be
reduced.
Generally, during the miller capacitance charge/discharge the total available driver current is lower during the
turn-off process than during the turn-on process and often it is enough to speed-up the turn-off time to achieve
the efficiency and thermal goals. This can be achieved simply by employing a PNP device, as shown in
Figure 31, from gate to source of the power FET. During the turn-on process, when the LO1 goes high, the
current is sourced through the diode D1 and the BJT Q1 provides the path for the turn-off current. Q1 should be
located as close to the power FET as possible so that the turn-off current has the shortest possible path to the
ground and does not have to pass through the controller.
Figure 31. Circuit to Speed-up the Turn-off Process
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com