Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 10Page - Texas Instruments LM5045MH Datasheet HTML 11Page - Texas Instruments LM5045MH Datasheet HTML 12Page - Texas Instruments LM5045MH Datasheet HTML 13Page - Texas Instruments LM5045MH Datasheet HTML 14Page - Texas Instruments LM5045MH Datasheet HTML 15Page - Texas Instruments LM5045MH Datasheet HTML 16Page - Texas Instruments LM5045MH Datasheet HTML 17Page - Texas Instruments LM5045MH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Hiccup Mode off-time
Soft-Start
Restart delay
1V
2V
4V
Count to Eight
1V
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
•
Once RES capacitor reaches 2.0V, threshold, the 10
μA current source is turned-on again. The RES capacitor
voltage is ramped between 4.0V and 2.0V eight times.
•
When the counter reaches eight, the RES pin voltage is pulled low and the soft-start capacitor is released to
begin a soft-start sequence. The SS capacitor voltage slowly increases. When the SS voltage reaches 1.0V,
the PWM comparator will produce the first narrow pulse.
•
If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence.
•
If the overload condition no longer exists after restart, the RES pin will be held at ground by the 5
μA current
sink and the normal operation resumes.
The hiccup mode function can be completely disabled by connecting the RES pin to the AGND pin. In this
configuration the cycle-by-cycle protection will limit the maximum output current indefinitely, no hiccup restart
sequences will occur.
Figure 12. Hiccup Mode Delay and Soft-Start Timing Diagram
PWM Comparator
The LM5045 pulse width modulator (PWM) comparator is a three input device, it compares the signal at the
RAMP pin to the loop error signal or the soft-start, whichever is lower, to control the duty cycle. This comparator
is optimized for speed in order to achieve minimum controllable duty cycles. The loop error signal is received
from the external feedback and isolation circuit in the form of a control current into the COMP pin. The COMP pin
current is internally mirrored by a matching pair of NPN transistors which sink current through a 5k
Ω resistor
connected to the 5V reference. The resulting control voltage passes through a 1V offset, followed by a 2:1
resistor divider before being applied to the PWM comparator.
An opto-coupler detector can be connected between the REF pin and the COMP pin. Because the COMP pin is
controlled by a current input, the potential difference across the opto-coupler detector is nearly constant. The
bandwidth limiting phase delay which is normally introduced by the significant capacitance of the opto-coupler is
thereby greatly reduced. Higher loop bandwidths can be realized since the bandwidth limiting pole associated
with the opto-coupler is now at a much higher frequency. The PWM comparator polarity is configured such that
with no current flowing into the COMP pin, the controller produces maximum duty cycle.
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com