Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 25Page - Texas Instruments LM5045MH Datasheet HTML 26Page - Texas Instruments LM5045MH Datasheet HTML 27Page - Texas Instruments LM5045MH Datasheet HTML 28Page - Texas Instruments LM5045MH Datasheet HTML 29Page - Texas Instruments LM5045MH Datasheet HTML 30Page - Texas Instruments LM5045MH Datasheet HTML 31Page - Texas Instruments LM5045MH Datasheet HTML 32Page - Texas Instruments LM5045MH Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LO1
PGND
LM5112
LM5112
VCC
BST1
HO1
HS1
VIN
LM5045
LO1
PGND
VCC
BST1
HO1
HS1
VIN
LM5045
Q1
Q2
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Depending on the gate charge characteristics of the primary FET, if it is required to speed up both the turn-on
and the turn-off time, a bipolar totem pole structure as shown in Figure 32 can be used. When LO1 goes high,
the gate to source current is sourced through the NPN transistor Q1 and similar to the circuit shown in Figure 31
when LO1 goes low, the PNP transistor Q2 expedites the turn-off process.
Figure 32. Bipolar Totem Pole Arrangement
Alternatively, a low side gate driver such as LM5112 can be utilized instead of the discrete totem pole. The
LM5112 comes in a small package with a 3A source and a 7A sink capability. While driving the high-side FET,
the HS1 acts as a local ground and the boot capacitor between the BST and HS pins acts as VCC.
Figure 33. Using a Low Side Gate Driver to Augment Gate Drive Strength
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com