Electronic Components Datasheet Search
  English  ▼

X  

LM5045MH Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5045MH
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045MH Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5045MH Datasheet HTML 15Page - Texas Instruments LM5045MH Datasheet HTML 16Page - Texas Instruments LM5045MH Datasheet HTML 17Page - Texas Instruments LM5045MH Datasheet HTML 18Page - Texas Instruments LM5045MH Datasheet HTML 19Page - Texas Instruments LM5045MH Datasheet HTML 20Page - Texas Instruments LM5045MH Datasheet HTML 21Page - Texas Instruments LM5045MH Datasheet HTML 22Page - Texas Instruments LM5045MH Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
HO1/LO2
HO2/LO1
SR1
SR2
Waveforms during soft-start
Waveforms after soft-start
T1
T2
CLK
T1
T2
Freewheel
Power
Transfer
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
A.
Waveforms during Soft-Start
B.
Waveforms after Soft-Start
Figure 16.
Pre-Bias Startup
A common requirement for power converters is to have a monotonic output voltage start-up into a pre-biased
load i.e. a pre-charged output capacitor. In a pre-biased load condition, if the synchronous rectifiers are engaged
prematurely they will sink current from the pre-charged output capacitors resulting in an undesired output voltage
dip. This condition is undesirable and could potentially damage the power converter. The LM5045 utilizes unique
control circuitry to ensure intelligent turn-on of the synchronous rectifiers such that the output has a monotonic
startup. Initially, the SSSR capacitor is held at ground to disable the synchronous MOSFETs allowing the body
diode to conduct. The synchronous rectifier soft-start is initiated once it is established the duty cycle is controlled
by the COMP instead of the soft-start capacitor i.e. ICOMP < 800µA and the voltage at the SS pin>2V. The SSSR
capacitor is then released and is charged by a 20µA current source. Further, as shown in Figure 17, a 1V offset
on the SSSR pin is used to provide additional delay. This delay ensures the output voltage is in regulation
avoiding any reverse current when the synchronous MOSFETs are engaged.
Soft-Stop
As shown in Figure 18, if the UVLO pin voltage falls below the 1.25V standby threshold, but above the 0.4V
shutdown threshold, the SSSR capacitor is soft-stopped with a 60µA current source (3 times the charging
current). Once the SSSR pin reaches the 1.0V threshold, both the SS and SSSR pins are immediately
discharged to GND. Soft-stopping the power converter gradually winds down the energy in the output capacitors
and results in a monotonic decay of the output voltage. During the hiccup mode, the same sequence is executed
except that the SSSR is discharged with a 120µA current source (6 times the charging current). In case of an
OVP, VCC UV, thermal limit or a VREF UV condition, the power converter hard-stops, whereby all of the control
outputs are driven to a low state immediately.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com