Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 35 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 31Page - Analog Devices ADSP-21060 Datasheet HTML 32Page - Analog Devices ADSP-21060 Datasheet HTML 33Page - Analog Devices ADSP-21060 Datasheet HTML 34Page - Analog Devices ADSP-21060 Datasheet HTML 35Page - Analog Devices ADSP-21060 Datasheet HTML 36Page - Analog Devices ADSP-21060 Datasheet HTML 37Page - Analog Devices ADSP-21060 Datasheet HTML 38Page - Analog Devices ADSP-21060 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. H
|
Page 35 of 64
|
March 2013
Three-State Timing—Bus Master, Bus Slave
These specifications show how the memory interface is disabled
(stops driving) or enabled (resumes driving) relative to CLKIN
and the SBTS pin. This timing is applicable to bus master transi-
tion cycles (BTC) and host transition cycles (HTC) as well as the
SBTS pin.
Table 21. Three-State Timing—Bus Master, Bus Slave
5 V and 3.3 V
Unit
Parameter
Min
Max
Timing Requirements
tSTSCK
SBTS Setup Before CLKIN
12 + DT/2
ns
tHTSCK
SBTS Hold Before CLKIN
6 + DT/2
ns
Switching Characteristics
tMIENA
Address/Select Enable After CLKIN1
–1.5 – DT/8
ns
tMIENS
Strobes Enable After CLKIN2
–1.5 – DT/8
ns
tMIENHG
HBG Enable After CLKIN
–1.5 – DT/8
ns
tMITRA
Address/Select Disable After CLKIN3
0 – DT/4
ns
tMITRS
Strobes Disable After CLKIN2
1.5 – DT/4
ns
tMITRHG
HBG Disable After CLKIN
2.0 – DT/4
ns
tDATEN
Data Enable After CLKIN4
9 + 5DT/16
ns
tDATTR
Data Disable After CLKIN4
0 – DT/8
7 – DT/8
ns
tACKEN
ACK Enable After CLKIN4
7.5 + DT/4
ns
tACKTR
ACK Disable After CLKIN4
–1 – DT/8
6 – DT/8
ns
tADCEN
ADRCLK Enable After CLKIN
–2 – DT/8
ns
tADCTR
ADRCLK Disable After CLKIN
8 – DT/4
ns
tMTRHBG
Memory Interface Disable Before HBG Low5
0 + DT/8
ns
tMENHBG
Memory Interface Enable After HBG High5
19 + DT
ns
1 For ADSP-21060L/ADSP-21060LC/ADSP-21062L, specification is –1.25 – DT/8 ns min, for ADSP-21062, specification is –1 – DT/8 ns min.
2 Strobes = RD, WR, PAGE, DMAG, BMS, SW.
3 For ADSP-21060LC, specification is 0.25 – DT/4 ns max.
4 In addition to bus master transition cycles, these specs also apply to bus master and bus slave synchronous read/write.
5 Memory Interface = Address, RD, WR, MSx, SW, PAGE, DMAGx, and BMS (in EPROM boot mode).
Figure 21. Three-State Timing (Bus Transition Cycle, SBTS Assertion)
MEMORY
INTERFACE
HBG
MEMORY INTERFACE = ADDRESS,
RD, WR, MSx, SW,PAGE, DMAGx. BMS (IN EPROM BOOT MODE)
tMENHBG
tMTRHBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com