Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 18Page - Analog Devices ADSP-21060 Datasheet HTML 19Page - Analog Devices ADSP-21060 Datasheet HTML 20Page - Analog Devices ADSP-21060 Datasheet HTML 21Page - Analog Devices ADSP-21060 Datasheet HTML 22Page - Analog Devices ADSP-21060 Datasheet HTML 23Page - Analog Devices ADSP-21060 Datasheet HTML 24Page - Analog Devices ADSP-21060 Datasheet HTML 25Page - Analog Devices ADSP-21060 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Rev. H
|
Page 22 of 64
|
March 2013
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Clock Input
Reset
Table 9. Clock Input
Parameter
ADSP-21060
ADSP-21062
40 MHz, 5 V
ADSP-21060
ADSP-21062
33 MHz, 5 V
ADSP-21060L
ADSP-21062L
40 MHz, 3.3 V
ADSP-21060L
ADSP-21062L
33 MHz, 3.3 V
Unit
MinMax
MinMax
Min
Max
MinMax
Timing Requirements
tCK
CLKIN Period
25
100
30
100
25
100
30
100
ns
tCKL
CLKIN Width Low
7
7
8.75
8.751
ns
tCKH
CLKIN Width High
55
55ns
tCKRF
CLKIN Rise/Fall (0.4 V to 2.0 V)
3
3
3
3
ns
1 For the ADSP-21060LC, this specification is 9.5 ns min.
Figure 9. Clock Input
CLKIN
tCKH
tCKL
tCK
Table 10. Reset
5 V and 3.3 V
Unit
Parameter
Min
Max
Timing Requirements
tWRST
RESET Pulse Width Low1
4tCK
ns
tSRST
RESET Setup Before CLKIN High2
14 + DT/2
tCK
ns
1 Applies after the power-up sequence is complete. At power-up, the processor’s internal phase-locked loop requires no more than 100 μs while RESET is low, assuming stable
VDD and CLKIN (not including start-up time of external clock oscillator).
2 Only required if multiple ADSP-2106xs must come out of reset synchronous to CLKIN with program counters (PC) equal. Not required for multiple ADSP-2106xs commu-
nicating over the shared bus (through the external port), because the bus arbitration logic automatically synchronizes itself after reset.
Figure 10. Reset
CLKIN
RESET
tWRST
tSRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com