Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 49 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 45Page - Analog Devices ADSP-21060 Datasheet HTML 46Page - Analog Devices ADSP-21060 Datasheet HTML 47Page - Analog Devices ADSP-21060 Datasheet HTML 48Page - Analog Devices ADSP-21060 Datasheet HTML 49Page - Analog Devices ADSP-21060 Datasheet HTML 50Page - Analog Devices ADSP-21060 Datasheet HTML 51Page - Analog Devices ADSP-21060 Datasheet HTML 52Page - Analog Devices ADSP-21060 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. H
|
Page 49 of 64
|
March 2013
Output Characteristics (5 V)
Figure 31. ADSP-21062 Typical Output Drive Currents (VDD = 5 V)
Figure 32. Typical Output Rise Time (10% to 90% VDD) vs. Load Capacitance
(VDD = 5 V)
SOURCE VOLTAGE - V
-
75
-
150
05.25
0.75
1.50
2.25
3.00
3.75
4.50
75
-
50
-
100
-
125
25
-
25
50
0
4.75V, +100°C
4.75V,+100°C
5.0V, +25°C
5.25V, -40°C
5.0V, +25°C
5.25V, -40°C
LOAD CAPACITANCE - pF
16.0
8.0
0
0200
20
40
60
80
100
120
140
160
180
14.0
12.0
4.0
2.0
10.0
6.0
FALL TIME
RISETIME
Y = 0.005x + 3.7
Y = 0.0031x + 1.1
Figure 33. Typical Output Rise Time (0.8 V to 2.0 V) vs. Load Capacitance
(VDD = 5 V)
Figure 34. Typical Output Delay or Hold vs. Load Capacitance (at Maximum
Case Temperature) (VDD = 5 V)
3.5
0
3.0
2.5
2.0
1.5
1.0
0.5
LOAD CAPACITANCE - pF
0200
20
40
60
80
100
120
140
160
180
FALL TIME
RISETIME
Y = 0.009x + 1.1
Y= 0.005x + 0.6
LOAD CAPACITANCE - pF
5
-1
25
200
50
75
100
125
150
175
4
3
2
1
NOMINAL
Y= 0.03x
- 1.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com