Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 39 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 35Page - Analog Devices ADSP-21060 Datasheet HTML 36Page - Analog Devices ADSP-21060 Datasheet HTML 37Page - Analog Devices ADSP-21060 Datasheet HTML 38Page - Analog Devices ADSP-21060 Datasheet HTML 39Page - Analog Devices ADSP-21060 Datasheet HTML 40Page - Analog Devices ADSP-21060 Datasheet HTML 41Page - Analog Devices ADSP-21060 Datasheet HTML 42Page - Analog Devices ADSP-21060 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. H
|
Page 39 of 64
|
March 2013
Link Ports —1 × CLK Speed Operation
Table 23. Link Ports—Receive
5 V
3.3 V
Unit
Parameter
Min
Max
Min
Max
Timing Requirements
tSLDCL
Data Setup Before LCLK Low1
3.5
3
ns
tHLDCL
Data Hold After LCLK Low
3
3
ns
tLCLKIW
LCLK Period (1
 Operation)
tCK
tCK
ns
tLCLKRWL
LCLK Width Low
6
6
ns
tLCLKRWH
LCLK Width High
55ns
Switching Characteristics
tDLAHC
LACK High Delay After CLKIN High2, 3
18 + DT/2
28.5 + DT/2
18 + DT/2
28.5 + DT/2
ns
tDLALC
LACK Low Delay After LCLK High
–3
+13
–3
+13
ns
tENDLK
LACK Enable From CLKIN
5 + DT/2
5 + DT/2
ns
tTDLK
LACK Disable From CLKIN
20 + DT/2
20 + DT/2
ns
1 For ADSP-21062, specification is 3 ns min.
2 LACK goes low with tDLALC relative to rise of LCLK after first nibble, but does not go low if the receiver’s link buffer is not about to fill.
3 For ADSP-21060C, specification is 18 + DT/2 ns min, 29 + DT/2 ns max.
Table 24. Link Ports—Transmit
5 V
3.3 V
Unit
Parameter
Min
Max
Min
Max
Timing Requirements
tSLACH
LACK Setup Before LCLK High1
18
18
ns
tHLACH
LACK Hold After LCLK High
–7
–7
ns
Switching Characteristics
tDLCLK
Data Delay After CLKIN (1
Operation)2
15.5
15.5
ns
tDLDCH
Data Delay After LCLK High3
32.5
ns
tHLDCH
Data Hold After LCLK High
–3
–3
ns
tLCLKTWL
LCLK Width Low4
(tCK/2) – 2
(tCK/2) + 2
(tCK/2) – 1
(tCK/2) + 1.25
ns
tLCLKTWH
LCLK Width High5
(tCK/2) – 2
(tCK/2) + 2
(tCK/2) – 1.25
(tCK/2) + 1
ns
tDLACLK
LCLK Low Delay After LACK High6
(tCK/2) + 8.5
(3
 tCK/2) + 17 (tCK/2) + 8
(3
 tCK/2) + 17.5 ns
tENDLK
LACK Enable From CLKIN
5 + DT/2
5 + DT/2
ns
tTDLK
LACK Disable From CLKIN
20 + DT/2
20 + DT/2
ns
1 For ADSP-21060L/ADSP-21060LC, specification is 20 ns min.
2 For ADSP-21060L, specification is 16.5 ns max; for ADSP-21060LC, specification is 16.75 ns max.
3 For ADSP-21062, specification is 2.5 ns max.
4 For ADSP-21062, specification is (tCK/2) – 1 ns min, (tCK/2) + 1.25 ns max; for ADSP-21062L, specification is (tCK/2) – 1 ns min, (tCK/2) + 1.5 ns max; for ADSP-21060LC
specification is (tCK/2) – 1 ns min, (tCK/2) + 2.25 ns max.
5 For ADSP-21062, specification is (tCK/2) – 1.25 ns min, (tCK/2) + 1 ns max; for ADSP-21062L, specification is (tCK/2) – 1.5 ns min, (tCK/2) + 1 ns max; for ADSP-21060C
specification is (tCK/2) – 2.25 ns min, (tCK/2) + 1 ns max.
6 For ADSP-21062, specification is (tCK/2) + 8.75 ns min, (3 × tCK/2) + 17 ns max; for ADSP-21062L, specification is (tCK/2) + 8 ns min, (3 × tCK/2) + 17 ns max; for
ADSP-21060LC specification is (tCK/2) + 8 ns min, (3 × tCK/2) + 18.5 ns max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com