Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 54Page - Analog Devices ADSP-21060 Datasheet HTML 55Page - Analog Devices ADSP-21060 Datasheet HTML 56Page - Analog Devices ADSP-21060 Datasheet HTML 57Page - Analog Devices ADSP-21060 Datasheet HTML 58Page - Analog Devices ADSP-21060 Datasheet HTML 59Page - Analog Devices ADSP-21060 Datasheet HTML 60Page - Analog Devices ADSP-21060 Datasheet HTML 61Page - Analog Devices ADSP-21060 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Rev. H
|
Page 58 of 64
|
March 2013
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Figure 42. 240-Lead Ceramic Quad Flat Package, Heat Slug Up [CQFP]
(QS-240-2A)
Dimensions shown in millimeters
32.00 BSC SQ
1
60
61
120
121
180
240
181
36.60
36.13 SQ
35.65
28.05
27.80 SQ
27.55
0.50 BSC
3.70
3.22
2.75
0.90
0.75
0.60
0.23
0.20
0.17
7°
-3°
180
181
1
240
120
121
60
61
19.00
REF SQ
BOTTOM VIEW
(PINS UP)
HEAT SLUG
NOTES:
1. LEAD FINISH = GOLD PLATE
2. LEAD SWEEP/LEAD OFFSET = 0.013mm MAX
(Sweep and/or Offset can be used as the controlling dimension).
LID
SEAL RING
TOP VIEW
(PINS DOWN)
PIN 1
INDICATOR
4.30
3.62
2.95
0.60
0.40
0.20
VIEW A
0.175
0.156
0.137
1.70
0.35
0.30
0.25
0.15
0.180
0.155
0.130
2.06 REF
LEAD THICKNESS
0.15
VIEW A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com