Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060 Datasheet(PDF) 43 Page - Analog Devices

Part # ADSP-21060
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADSP-21060 Datasheet HTML 39Page - Analog Devices ADSP-21060 Datasheet HTML 40Page - Analog Devices ADSP-21060 Datasheet HTML 41Page - Analog Devices ADSP-21060 Datasheet HTML 42Page - Analog Devices ADSP-21060 Datasheet HTML 43Page - Analog Devices ADSP-21060 Datasheet HTML 44Page - Analog Devices ADSP-21060 Datasheet HTML 45Page - Analog Devices ADSP-21060 Datasheet HTML 46Page - Analog Devices ADSP-21060 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. H
|
Page 43 of 64
|
March 2013
Serial Ports
For serial ports, see Table 28, Table 29, Table 30, Table 31,
Table 32, Table 33, Table 35, Figure 26, and Figure 25. To deter-
mine whether communication is possible between two devices
at clock speed n, the following specifications must be confirmed:
1) frame sync delay and frame sync setup and hold, 2) data delay
and data setup and hold, and 3) SCLK width.
Table 28. Serial Ports—External Clock
Parameter
5 V and 3.3 V
Min
Max
Unit
Timing Requirements
tSFSE
TFS/RFS Setup Before TCLK/RCLK1
3.5
ns
tHFSE
TFS/RFS Hold After TCLK/RCLK1, 2
4ns
tSDRE
Receive Data Setup Before RCLK1
1.5
ns
tHDRE
Receive Data Hold After RCLK1
6.5
ns
tSCLKW
TCLK/RCLK Width3
9ns
tSCLK
TCLK/RCLK Period
tCK
ns
1 Referenced to sample edge.
2 RFS hold after RCK when MCE = 1, MFD = 0 is 0 ns minimum from drive edge. TFS hold after TCK for late external TFS is 0 ns minimum from drive edge.
3 For ADSP-21060/ADSP-21060C/ADSP-21060LC, specification is 9.5 ns min.
Table 29. Serial Ports—Internal Clock
Parameter
5 V and 3.3 V
Min
Max
Unit
Timing Requirements
tSFSI
TFS Setup Before TCLK1; RFS Setup Before RCLK1
8ns
tHFSI
TFS/RFS Hold After TCLK/RCLK1, 2
1ns
tSDRI
Receive Data Setup Before RCLK1
3ns
tHDRI
Receive Data Hold After RCLK1
3ns
1 Referenced to sample edge.
2 RFS hold after RCK when MCE = 1, MFD = 0 is 0 ns minimum from drive edge. TFS hold after TCK for late external TFS is 0 ns minimum from drive edge.
Table 30. Serial Ports—External or Internal Clock
Parameter
5 V and 3.3 V
Min
Max
Unit
Switching Characteristics
tDFSE
RFS Delay After RCLK (Internally Generated RFS)1
13
ns
tHOFSE
RFS Hold After RCLK (Internally Generated RFS)1
3ns
1 Referenced to drive edge.
Table 31. Serial Ports—External Clock
Parameter
5 V and 3.3 V
Min
Max
Unit
Switching Characteristics
tDFSE
TFS Delay After TCLK (Internally Generated TFS)1
13
ns
tHOFSE
TFS Hold After TCLK (Internally Generated TFS)1
3ns
tDDTE
Transmit Data Delay After TCLK1
16
ns
tHDTE
Transmit Data Hold After TCLK1
5ns
1 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com