Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 10 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 10 Page - ams AG

Back Button AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
10 - 32
AS5013
Datasheet - Detailed Descr i p ti on
7.5 I²C Interface
The AS5013 supports the 2-wire high-speed I²C protocol in device mode, according to the NXP specification UM10204.
The host MCU (master) has to initiate the data transfers. The 7-bit device address of the AS5013 depends on the state at the pin ADDR.
ADDR = 0
→ Slave address =‘1000 000’ (40h)
ADDR = 1
→ Slave address =‘1000 001’ (41h)
For other I²C addresses, please contact ams.
Supported modes (slave mode):

Random/Sequential Read

Byte/Page Write

Standard Mode: 0 to 100kHz clock frequency

Fast Mode: 0 to 400kHz clock frequency

High Speed: 0 to 3.4MHz clock frequency
The SDA signal is bidirectional and is used to read and write the serial data. The SCL signal is the clock generated by the host MCU, to
synchronize the SDA data in read and write mode. The maximum I²C clock frequency is 3.4MHz, data are triggered on the rising edge of SCL.
7.5.1 Interface Operation
Figure 8. I²C Timing Diagram for FS-mode
Figure 9. Timing Diagram for HS-mode
SDA
SCL
Start
Stop
tBUF
tLOW
tR
tHD.STA
tHIGH
tF
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
Repeated
Start
tHD.DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com