Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 27 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 27 Page - ams AG

Back Button AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
27 - 32
AS5013
Datasheet - Packa ge Drawin gs and Ma rk ings
9 Package Drawings and Markings
The device is available in a 16-pin QFN (4x4x0.55mm) package.
Figure 19. Drawings and Dimensions
Symbol
Min
Nom
Max
A
0.50
0.55
0.65
A1
0
0.02
0.05
A3
-
-
0.22
L
0.35
0.40
0.45
L1
0
-
0.15
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
e
0.65 BSC
D2
2.60
2.70
2.80
E2
2.60
2.70
2.80
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm
and 0.30mm from terminal tip. Dimension L1 represents terminal full back from
package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. N is the total number of terminals.
AS5013
YYWWIZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com