Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 26 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 26 Page - ams AG

Back Button AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
26 - 32
AS5013
Datasheet - I²C Registers
Hall Bias Currents
AGC
8
RW
2Ah
00b
20h
<7:6>
<5:0>
Not implemented (read 00b)
6 bit AGC value (if an AGC algorithm implemented in
the µC)
Control Register for the Algorithm
M_ctrl
8
R/W
2Bh
00h
<7:0>
Control register for the middle Hall element C5. If the
register is zero the middle Hall element is not used for
the XY calculation
J_ctrl
8
R/W
2Ch
06h
<7:0>
Control register for the sector dependent attenuation
of the outer Hall elements
T_ctrl
8
R/W
2Dh
09h
<7:0> Scale input to fit to the 8 Bit result register
Control_register_2
Test
1
R/W
2Eh
1b
<7>
Test only, must be ‘1’
Test
1
R/W
2Eh
0b
<6>
Test only, must be ‘0’
Test
1
R/W
2Eh
0b
<5>
Test only, must be ‘0’
ext_clk_en
1
R/W
2Eh
0b
<4>
Test only, must be ‘0’
use_static_offset
1
R/W
2Eh
0b
<3>
Test only, must be ‘0’
EN_offset_comp
1
R/W
2Eh
1b
<2>
Test only, must be ‘1’
inv_spinning
1
R/W
2Eh
0b
<1>
Invert the channel voltage. Set to invert the magnet
polarity
pptrim_en
1
R/W
2Eh
0b
<0>
Factory only, must be ‘0’
Table 6. Registers
Register
Number
of bits Access Address
Format
Reset
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com