Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 24 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 24 Page - ams AG

Back Button AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
24 - 32
AS5013
Datasheet - I²C Registers
8.15 Registers Initialization
After Power Up, the following sequence must be performed:
1. VDD and VDDp Power up, and reached their nominal values (VDD>2.7V, VDDp>1.7V).
2. RESETn LOW during >100ns
3. Delay 1000µs
4. Loop check register [0Fh] until the value F0h or F1h is present (reset finished, registers to their default values)
5. Optional: Write value 86h into register [2Eh]
→ Invert magnet polarity. See Control Register 2 (2Eh) on page 22.
6. Configure register [2Bh]
→ Configure M_ctrl middle hall element control
7. Configure register [2Ch]
→ Configure J_ctrl attenuation factor
8. Configure register [2Dh]
→ Configure T_ctrl scaling factor
9. Configure the wanted Power Mode into register [0Fh] (Idle mode or Low Power Mode with Timebase configuration)
10. X Y coordinates are ready to be read.
Note:
In order to detect if the magnet polarity is correct, read the C5 middle hall element when the magnet is centered.
C5 = (C5_pos – C5_neg) / 2
With:
C5_pos = (c5_pos[11:8] << 8) | c5_pos[7:0]
C5_neg = (c5_neg[11:8] << 8) | c5_neg[7:0]
C5 must always be positive.
If C5 is negative, then invert the bit inv_spinning in the Control Register 2 (2Eh). C5 will become positive.
8.16 Registers Table
The following registers / functions are accessible over the serial I²C interface.
Table 6. Registers
Register
Number
of bits Access Address
Format
Reset
Value
Bit
Description
IC Identification
ID Code
8
R
0C
0Ch
<7:0> 8-bit Manufacture ID Code
ID Version
8
R
0D
0Dh
<7:0> 8-bit Component ID Version
Silicon Revision
8
R
0E
00h
<7:0> 8-bit Silicon Revision
Control_register_1
Idle
1
R/W
0Fh
1b
<7>
1: Idle mode
0: Low Power mode
Low_power_timebase
3
R/W
0Fh
111b
<6:4> Low Power readout time base register
INT_disable
1
R/W
0Fh
0b
<3>
Disables the interrupt functionality.
1: Interrupt disabled
0: Interrupt enabled
INT_function
1
R/W
0Fh
0b
<2>
Interrupt control register
0: interrupt goes low with every new calculated x/y
coordinates
1: interrupt pin goes low in when new x/y coordinates
are calculated and the magnet has exited the xp, xn,
yp, yn threshold values
soft_rst
1
R/W
0Fh
0b
<1>
Soft Reset
0: Normal mode
1: all registers return to their respective reset value
data_valid
1
R
0Fh
0b
<0>
Data valid indicator
0: X/Y calculation ongoing
1: X/Y calculation finished, coordinates ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com