Electronic Components Datasheet Search
  English  ▼

X  

AS5013 Datasheet(PDF) 15 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 15 Page - ams AG

Back Button AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
15 - 32
AS5013
Datasheet - Detailed Descr i p ti on
High Speed Mode.
The AS5013 is capable to work in HS-mode.
For switching to HS-mode the Master has to send the sequence: START, MASTER CODE, NACK. This sequence is sent in FS-mode. As no
device is allowed to acknowledge the master code, the master code is followed by a not-acknowledge. After a device receives the master code it
has to switch from FS-settings to HS-settings within tSU.STA which is 160ns for HS-mode. The device stays in HS-mode as long as it does not
receive a STOP command. After receiving a STOP command it has to switch back form HS-settings to FS-settings, which has to be competed
within the minimum bus free time tBUF which is 500ns.
When switching to HS-mode the slave has to:

Adapt the SDAH and SCLH input filters according to the spike suppression requirement required in HS-mode. In HS-mode spikes up to
10ns, in FS-mode spikes up to 50ns have to be suppressed.

Adapt the setup and hold times according to the HS-mode requirement. In HS-mode an internal hold time for SDA for START/STOP
detection of 80ns (max. 150ns), in FS-mode an internal hold time of 160ns (max. 250ns) has to be provided.

Adapt the slope control for SDAH output stage.
Figure 14. Data Transfer Format in HS-mode
Figure 15. A Complete HS-mode Transfer
S
Master code
NA Sr
Slave Address R/W
DATA
A/
NA
Slave Address
Sr
F/S mode
Hs mode (current source for SCLH enabled)
P
A
F/S mode
Hs mode continues
< n bytes + ack >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com