Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 17Page - Texas Instruments DIX4192 Datasheet HTML 18Page - Texas Instruments DIX4192 Datasheet HTML 19Page - Texas Instruments DIX4192 Datasheet HTML 20Page - Texas Instruments DIX4192 Datasheet HTML 21Page - Texas Instruments DIX4192 Datasheet HTML 22Page - Texas Instruments DIX4192 Datasheet HTML 23Page - Texas Instruments DIX4192 Datasheet HTML 24Page - Texas Instruments DIX4192 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
www.ti.com
GENERAL-PURPOSE DIGITAL OUTPUTS
HOST INTERFACE OPERATION:
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
PRODUCT OVERVIEW (continued)
The DIX4192 includes four general-purpose digital outputs, GPO1 through GPO4 (pins 26 through 29,
respectively). A GPO pin may be programmed to a static high or low state. Alternatively, a GPO pin may be
connected to one of 13 internal logic nodes, allowing the GPO pin to inherit the function of the selected signal.
Control registers 0x1B through 0x1E are utilized to select the function of the GPO pins. For details regarding
GPO output configuration, refer to the Control Registers section. Table 1 summarizes the available output
options for the GPO pins.
Table 1. General-Purpose Output Pin Configurations
GPOn3
GPOn2
GPOn1
GPOn0
GPOn FUNCTION
0
0
0
0
GPOn is forced low (default)
0
0
0
1
GPOn is forced high
0
0
1
0
Reserved
0
0
1
1
DIT interrupt flag; active low
0
1
0
0
DIR interrupt flag; active low
0
1
0
1
DIR 50/15
µs emphasis flag; active low
0
1
1
0
DIR non-audio data flag; active high
0
1
1
1
DIR non-valid data flag; active high
1
0
0
0
DIR channel status data serial output
1
0
0
1
DIR user data serial output
1
0
1
0
DIR block start clock output
DIR COPY bit output
1
0
1
1
(0 = copyright asserted, 1 = copyright not asserted)
DIR L (or origination) bit output
1
1
0
0
(0 = 1st generation or higher, 1 = original)
1
1
0
1
DIR Parity error flag; active high
DIR internal sync clock output; may be used as the data clock for the channel
1
1
1
0
status and user data serial outputs.
1
1
1
1
DIT internal sync clock
SERIAL PERIPHERAL INTERFACE (SPI) MODE
The DIX4192 supports a 4-wire SPI port when the CPM input (pin 18) is forced low or tied to ground. The SPI
port supports high-speed serial data transfers up to 40Mbps. Register and data buffer write and read operations
are supported.
The CS input (pin 19) serves as the active low chip select for the SPI port. The CS input must be forced low in
order to write or read registers and data buffers. When CS is forced high, the data at the CDIN input (pin 21) is
ignored, and the CDOUT output (pin 22) is forced to a high-impedance state. The CDIN input serves as the
serial data input for the port; the CDOUT output serves as the serial data output.
The CCLK input (pin 20) serves as the serial data clock for both the input and output data. Data is latched at the
CDIN input on the rising edge of CCLK, while data is clocked out of the CDOUT output on the falling edge of
CCLK.
Figure 17 illustrates the SPI port protocol. Byte 0 is referred to as the command byte, where the most significant
bit (or MSB) is the read/write bit. For the R/W bit, a 0 indicates a write operation, while a 1 indicates a read
operation. The remaining seven bits of the command byte are utilized for the register address targeted by the
write or read operation. Byte 1 is a don’t care byte, and may be set to all zeroes. This byte is included in order to
retain protocol compatibility with earlier Texas Instruments digital audio interface and sample rate converter
products, including the DIT4096, DIT4192, the SRC418x series devices, and the SRC419x series devices.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com